Electronic Components Datasheet Search
  English  ▼

X  

AP389 Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # AP389
Description  TO-8 CASCADABLE AMPLIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

AP389 Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  AP389 Datasheet HTML 1Page - Teledyne Technologies Incorporated AP389 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TYPICAL PERFORMANCE
TYPICAL AUTOMATIC TEST DATA
650-691-9800 • Fax: 650-962-6845 • Updates: www.teledynemicrowave.com • microwave@teledyne.com
AP389
FREQUENCY - MHz
Gain vs Temperature Vcc = 15
Noise Figure
K EY: + 25 ° C
+ 85 ° C
- 55 ° C
25.0
24.0
23.0
22.0
21.0
20.0
19.0
Power Output at 1 dB Compression
Intercept Point
FREQUENCY - MHz
FREQUENCY - MHz
FREQUENCY - MHz
5.0
4.0
3.0
2.0
26.0
25.0
24.0
23.0
5
10
30
50
100
150
200
250
300
350
5
10
30
50
100
150
200
250
300
350
5
10
30
50
100
150
200
250
300
350
5
10
30
50
100
150
200
250
300
350
70
60
50
40
30
20
IP 3
IP 2
2nd HAR
Model: AP389
Vcc=+15V
Icc=64.75
FREQ
SWR
SWR
GAIN
DELAY
REV/ISO
MHZ
IN
OUT
DB
NSEC
DB
10
1.33
1.41
25.0
-29.8
20
1.17
1.24
25.2
-29.5
30
1.10
1.17
25.3
1.437
-29.4
50
1.08
1.13
25.3
1.177
-29.4
100
1.23
1.11
25.4
1.029
-29.4
150
1.35
1.13
25.4
.981
-29.4
200
1.51
1.17
25.6
.979
-29.7
250
1.66
1.26
25.8
1.021
-29.6
300
1.85
1.44
26.0
1.095
-29.8
LINEAR S-PARAMETERS
Model: AP389
Vcc=+15V
Icc=64.75
FREQ
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
10
0.14
-58.8
17.73
-173.2
0.032
7.0
0.17
117.0
20
0.08
-45.7
18.11
179.1
0.034
0.0
0.11
109.5
30
0.05
-36.1
18.38
174.0
0.034
-3.0
0.08
104.1
50
0.04
15.0
18.43
165.6
0.034
-10.0
0.06
95.5
100
0.10
41.1
18.52
147.2
0.034
-23.0
0.05
69.5
150
0.15
31.8
18.57
129.5
0.034
-34.0
0.06
38.2
200
0.20
22.0
19.02
111.9
0.033
-47.0
0.08
2.3
250
0.25
5.3
19.46
93.6
0.033
-61.0
0.12
-34.1
300
0.30
-13.2
19.92
73.9
0.032
-78.0
0.18
-68.4
Model: AP389
Vcc=+12V
Icc=51.48
FREQ
SWR
SWR
GAIN
DELAY
REV/ISO
MHZ
IN
OUT
DB
NSEC
DB
10
1.35
1.43
24.9
-29.7
20
1.17
1.23
25.1
-29.5
30
1.12
1.17
25.2
1.471
-29.4
50
1.10
1.12
25.2
1.198
-29.2
100
1.22
1.11
25.2
1.054
-29.3
150
1.37
1.13
25.3
1.007
-29.3
200
1.51
1.19
25.5
1.009
-29.5
250
1.67
1.30
25.7
1.055
-29.7
300
1.88
1.53
25.9
1.142
-29.9
LINEAR S-PARAMETERS
Model: AP389
Vcc=+12V
Icc=51.48
FREQ
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
10
0.15
-58.8
17.57
-172.5
0.033
8.0
0.18
113.0
20
0.08
-43.2
17.89
179.3
0.033
0.0
0.10
103.3
30
0.06
-35.6
18.12
173.9
0.034
-3.0
0.08
95.8
50
0.05
13.7
18.16
165.2
0.035
-10.0
0.06
85.2
100
0.10
35.4
18.28
146.4
0.034
-23.0
0.05
56.1
150
0.16
25.9
18.35
128.2
0.034
-35.0
0.06
22.9
200
0.20
16.6
18.79
110.2
0.034
-49.0
0.09
-12.6
250
0.25
-1.6
19.27
91.0
0.033
-65.0
0.13
-46.2
300
0.30
-22.4
19.71
70.5
0.032
-82.0
0.21
-77.7



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com