| Electronic Components Datasheet Search |
|
MM5483 Datasheet(PDF) 1 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
MM5483 Datasheet(HTML) 1 Page - National Semiconductor (TI) |
|
1 / 6 page ![]() TLF6140 February 1995 MM5483 Liquid Crystal Display Driver General Description The MM5483 is a monolithic integrated circuit utilizing CMOS metal-gate low-threshold enhancement mode devic- es It is available in a 40-pin molded package The chip can drive up to 31 segments of LCD and can be cascaded to increase this number This chip is capable of driving a 4 - digit 7-segment display with minimal interface between the display and the data source The MM5483 stores the display data in latches after it is latched in and holds the data until another load pulse is received Features Y Serial data input Y Serial data output Y Wide power supply operation Y TTL compatibility Y 31 segment outputs Y Alphanumeric and bar graph capability Y Cascade capability Applications Y COPSTM or microprocessor displays Y Industrial control indicator Y Digital clock thermometer counter voltmeter Y Instrumentation readouts Y Remote displays Block and Connection Diagrams TLF6140 – 1 FIGURE 1 TLF6140 – 7 Order Number MM5483V See NS Package Number V44A Dual-In-Line Package TLF6140 – 2 Top View FIGURE 2 Order Number MM5483MS or MM5483N See SSOP Package Number MS40A See NS Package Number N40A COPSTM is a trademark of National Semiconductor Corporation C1995 National Semiconductor Corporation RRD-B30M105Printed in U S A |
Similar Part No. - MM5483 |
|
Similar Description - MM5483 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |