Electronic Components Datasheet Search
  English  ▼

X  

AP561 Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # AP561
Description  10 TO 500 MHz TO-8 CASCADABLE AMPLIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

AP561 Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  AP561 Datasheet HTML 1Page - Teledyne Technologies Incorporated AP561 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TYPICAL PERFORMANCE
TYPICAL AUTOMATIC TEST DATA
650-691-9800 • Fax: 650-962-6845 • Updates: www.teledynemicrowave.com • microwave@teledyne.com
AP561
Gain vs Temperature
Noise Figure
KEY: +25 °C
+85 °C
-55 °C
29.0
28.0
27.0
26.0
25.0
24.0
Power Output at 1 dB Compression
Intercept Point
FREQUENCY - MHz
FREQUENCY - MHz
FREQUENCY - MHz
7.0
6.0
5.0
4.0
15.0
14.0
13.0
12.0
11.0
2nd HAR
IP 3
IP 2
1
3
10
30
100
200
300
400
500
600
5
10
20
50
100
200
300
400
500
600
5
10
20
50
100
200
300
400
500
600
5
10
20
50
100
200
300
400
500
600
+12 V
+15 V
70
60
50
40
30
A
+ 15 V
+12 V
Model: AP561
Vcc=+15V
Icc=174.18
FREQ
SWR
SWR
GAIN
DELAY
REV/ISO
MHZ
IN
OUT
DB
NSEC
DB
5
1.79
1.67
13.4
-18.2
10
1.44
1.46
13.6
-17.9
20
1.35
1.41
13.7
2.398
-17.9
50
1.32
1.39
13.6
0.815
-17.9
100
1.32
1.39
13.6
0.515
-17.8
200
1.36
1.36
13.6
0.428
-17.8
300
1.39
1.33
13.5
0.417
-17.7
400
1.41
1.29
13.5
0.416
-17.5
500
1.40
1.26
13.4
0.409
-17.4
600
1.37
1.25
13.4
0.415
-17.2
700
1.31
1.28
13.4
0.421
-16.9
LINEAR S-PARAMETERS
Model: AP561
Vcc=+15V
Icc=174.18
FREQ.
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
5
0.28
-112.0
4.66
-151.8
0.123
33.0
0.25
-163.8
10
0.18
-136.0
4.78
-167.3
0.127
16.0
0.19
-174.3
20
0.15
-153.5
4.82
-175.9
0.127
7.0
0.17
-178.6
50
0.14
-168.5
4.81
175.3
0.128
-0.0
0.16
176.8
100
0.14
-173.9
4.80
166.1
0.128
-5.0
0.16
172.6
200
0.15
-176.8
4.76
150.6
0.129
-12.0
0.15
164.6
300
0.16
176.9
4.73
135.6
0.131
-19.0
0.14
158.8
400
0.17
167.8
4.71
120.7
0.133
-26.0
0.13
156.2
500
0.17
154.9
4.69
106.0
0.135
-33.0
0.11
158.5
600
0.15
139.0
4.70
91.0
0.138
-41.0
0.11
166.1
700
0.13
116.2
4.69
75.9
0.143
-49.0
0.12
176.4
800
0.11
81.3
4.72
60.3
0.146
-58.0
0.16
-178.9
Model: AP561
Vcc=+12V
Icc=138.19
FREQ
SWR
SWR
GAIN
DELAY
REV/ISO
MHZ
IN
OUT
DB
NSEC
DB
5
1.70
1.60
13.4
-18.1
10
1.41
1.43
13.6
-17.9
20
1.34
1.39
13.6
2.250
-17.9
50
1.32
1.37
13.6
0.807
-17.8
100
1.32
1.37
13.6
0.519
-17.8
200
1.37
1.35
13.5
0.439
-17.7
300
1.42
1.33
13.4
0.427
-17.6
400
1.45
1.30
13.4
0.423
-17.5
500
1.45
1.29
13.3
0.417
-17.3
600
1.42
1.31
13.3
0.424
-17.0
700
1.36
1.38
13.3
0.429
-16.7
LINEAR S-PARAMETERS
Model: AP561
Vcc=+12V
Icc=138.19
FREQ.
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
5
0.26
-115.9
4.67
-154.3
0.124
30.0
0.23
-159.7
10
0.17
-138.9
4.77
-168.4
0.127
14.0
0.18
-171.2
20
0.14
-155.3
4.81
-176.5
0.128
7.0
0.16
-176.4
50
0.14
-169.0
4.80
174.8
0.128
-0.0
0.16
178.9
100
0.14
-172.0
4.80
165.5
0.128
-5.0
0.16
175.2
200
0.16
-174.5
4.75
149.7
0.130
-12.0
0.15
169.2
300
0.17
179.3
4.70
134.3
0.132
-18.0
0.14
165.8
400
0.18
169.2
4.66
119.0
0.134
-25.0
0.13
165.7
500
0.18
156.1
4.63
104.1
0.137
-32.0
0.13
169.9
600
0.17
139.9
4.61
88.9
0.141
-40.0
0.13
176.3
700
0.15
117.4
4.62
73.5
0.146
-48.0
0.16
-178.2
800
0.13
84.1
4.60
57.6
0.150
-58.0
0.20
-178.0
Amplifier Phase Noise
10
100
1000
10000
100000
1000000
OFFSET FREQUENCY - Hz
-130
-140
-150
-160
-170
-180
-190
Noise Floor
AP561
A
Po=25.0 dBm / Freq.=300 MHz



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com