Electronic Components Datasheet Search
  English  ▼

X  

AP2009 Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # AP2009
Description  10 TO 2000 MHz TO-8 CASCADABLE AMPLIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

AP2009 Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  AP2009 Datasheet HTML 1Page - Teledyne Technologies Incorporated AP2009 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TYPICAL PERFORMANCE
TYPICAL AUTOMATIC TEST DATA
650-691-9800 • Fax: 650-962-6845 • Updates: www.teledynemicrowave.com • microwave@teledyne.com
AP2009
12.0
10.0
8.0
6.0
4.0
2.0
Noise Figure
KEY: +25
°C
+ 85
°C
-55
°C
29.0
28.0
27.0
26.0
25.0
24.0
Power Output at 1 dB Compression
F REQUENCY - MHz
FREQUENCY - MHz
10
30
100
200
400
800
1200
1600
2000
2400
10
30
100
200
400
800
1200
1600
2000
2400
Gain vs Temperature Vcc = 15
FREQUENCY - MHz
10
30
100
200
400
800
1200
1600
2000
2400
13.0
12.0
11.0
10.0
9.0
70
60
50
40
30
Intercept Point Vcc = 15
FREQUENCY - MHz
10
30
100
200
400
800
1200
1600
2000
2400
2nd HAR
IP 3
IP 2
80
70
60
50
40
30
Intercept Point Vcc = 12
FREQUENCY - MHz
10
30
100
200
400
800
1200
1600
2000
2400
2nd HAR
IP 3
IP 2
1 5 V
15 V
12 V
12 V
MODEL: AP2009
Vcc = +15V
Icc = 188.63 mA
FREQ
SWR
SWR
GAIN
DELAY
REV/ISO
MHZ
IN
OUT
DB
NSEC
DB
10
1.77
1.79
11.6
-18.7
20
1.33
1.77
11.7
-18.8
50
1.14
1.82
11.5
1.136
-19.0
100
1.11
1.81
11.5
0.518
-19.0
200
1.08
1.70
11.2
0.334
-18.7
400
1.13
1.68
11.1
0.289
-18.8
600
1.17
1.70
11.1
0.295
-19.0
800
1.17
1.69
11.0
0.294
-19.1
1000
1.15
1.65
11.0
0.303
-19.3
1200
1.17
1.60
11.0
0.300
-19.3
1400
1.17
1.52
11.2
0.306
-19.5
1600
1.15
1.48
11.3
0.345
-19.7
1800
1.15
1.47
11.5
0.357
-20.0
2000
1.35
1.46
11.6
0.422
-20.9
2200
2.12
1.48
11.0
0.478
-23.1
LINEAR S-PARAMETERS
MODEL: AP2009
Vcc: +15v
Icc = 188.63 mA
FREQ.
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
10
0.28
-90.2
3.79
-151.2
0.116
19
0.28
-173.7
20
0.14
-112.6
3.82
-168.3
0.115
7
0.28
-176.9
50
0.06
-132.9
3.77
179.5
0.112
1
0.29
175.0
100
0.05
-157.3
3.76
170.3
0.113
-3
0.29
164.5
200
0.04
-164.1
3.63
158.2
0.117
-10
0.26
149.5
400
0.06
-149.4
3.59
137.3
0.114
-24
0.25
129.1
600
0.08
-170.6
3.59
116.3
0.112
-37
0.26
104.8
800
0.08
-176.9
3.56
95.1
0.110
-49
0.26
82.3
1000
0.07
165.9
3.55
73.4
0.108
-62
0.25
60.4
1200
0.08
150.6
3.56
51.8
0.108
-75
0.23
38.5
1400
0.08
146.3
3.62
29.7
0.106
-90
0.21
15.3
1600
0.07
126.8
3.68
5.0
0.104
-107
0.19
-9.1
1800
0.07
79.8
3.77
-20.7
0.100
-125
0.19
-35.8
2000
0.15
14.1
3.80
-51.0
0.090
-146
0.19
-68.9
2200
0.36
-36.0
3.55
-85.2
0.070
-169
0.19
-113.4
MODEL: AP2009
Vcc = +12V
Icc = 173.61 mA
FREQ
SWR
SWR
GAIN
DELAY
REV/ISO
MHZ
IN
OUT
DB
NSEC
DB
10
1.74
1.88
11.5
-19.1
20
1.32
1.88
11.6
-19.2
50
1.14
1.92
11.5
1.103
-19.3
100
1.11
1.91
11.5
0.511
-19.3
200
1.07
1.79
11.2
0.337
-19.0
400
1.13
1.77
11.1
0.285
-19.1
600
1.15
1.79
11.1
0.293
-19.2
800
1.17
1.77
11.0
0.295
-19.2
1000
1.15
1.73
11.0
0.300
-19.3
1200
1.16
1.67
11.0
0.299
-19.2
1400
1.17
1.58
11.2
0.306
-19.3
1600
1.15
1.54
11.3
0.341
-19.3
1800
1.16
1.51
11.6
0.359
-19.5
2000
1.34
1.48
11.7
0.420
-20.2
2200
2.08
1.44
11.1
0.485
-21.9
LINEAR S-PARAMETERS
MODEL: AP2009
Vcc: +12V
Icc = 173.61 mA
FREQ.
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
10
0.27
-90.0
3.76
-151.8
0.111
18
0.31
-170.4
20
0.14
-110.1
3.80
-168.5
0.110
7
0.31
-175.4
50
0.07
-131.4
3.76
179.6
0.108
1
0.32
175.6
100
0.05
-156.5
3.75
170.4
0.108
-3
0.31
165.6
200
0.04
-163.5
3.62
158.3
0.112
-9
0.28
151.4
400
0.06
-152.7
3.58
137.7
0.111
-23
0.28
132.5
600
0.07
-169.5
3.58
116.6
0.110
-35
0.28
109.5
800
0.08
-171.8
3.56
95.6
0.109
-47
0.28
88.3
1000
0.07
179.0
3.55
73.9
0.108
-59
0.27
67.9
1200
0.07
161.5
3.57
52.4
0.109
-72
0.25
48.0
1400
0.08
156.8
3.62
30.4
0.109
-86
0.22
27.0
1600
0.07
137.9
3.69
5.8
0.109
-102
0.21
5.1
1800
0.08
89.0
3.80
-20.0
0.106
-120
0.20
-18.8
2000
0.15
25.2
3.86
-50.1
0.098
-142
0.19
-48.7
2200
0.35
-32.9
3.60
-85.1
0.080
-164
0.18
-92.0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com