Electronic Components Datasheet Search
  English  ▼

X  

RCWH Datasheet(PDF) 2 Page - Vishay Siliconix

Part # RCWH
Description  Thick Film Surface Mount Chip Resistors, Wraparound, Extremely Low Value (0.01 ohm to 0.976 ohm)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RCWH Datasheet(HTML) 2 Page - Vishay Siliconix

  RCWH Datasheet HTML 1Page - Vishay Siliconix RCWH Datasheet HTML 2Page - Vishay Siliconix RCWH Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RCWH
www.vishay.com
Vishay Dale
Revision: 21-Jul-16
2
Document Number: 31110
For technical questions, contact: ff2cresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DERATING
Note
• Embossed carrier tape per EIA-481-1A.
DIMENSIONS
RCWH0805
MODEL
DIMENSIONS in millimeters
SOLDER PAD DIMENSIONS in millimeters
RESISTANCE
RANGE
LW
H
T1
T2
a
b
l
RCWH0805
0.01 to 0.03
2.0 ± 0.15
1.3 ± 0.1
0.55 ± 0.1
0.6 ± 0.2
0.35 ± 0.2
1.0
1.4
0.6
0.033 to 0.976
0.4 ± 0.2
0.8
1.4
1.0
PERFORMANCE
TEST
CONDITIONS OF TEST
TEST LIMITS
Thermal shock
MIL-STD-202, method 107, -55 °C to +125 °C, 300 cycles at each extreme
± (1.0 % + 0.0005
)
Short time overload
2 x rated power; duration according the model
± (0.5 % + 0.0005
)
High temperature exposure
MIL-STD-202, method 108, 1000 h at T = 125 °C, 0 % power
± (2.0 % + 0.0005
)
Temperature cycling
JESD 22, method JA-104, 1000 cycles (-55 °C to +125 °C)
± (2.0 % + 0.0005
)
Biased humidity
MIL-STD-202, method 103, 1000 h 85 °C/85 % RH, 10 % x (P x R)1/2
± (2.0 % + 0.0005
)
Mechanical shock
MIL-STD-202, method 213, condition C, 10 g’s, 6 ms (half sine), 3 directions
± (1.0 % + 0.0005
)
Vibration
MIL-STD-202, method 204, 5 g’s, 20 min, 12 cycles, 3 directions, 10 Hz to 2000 Hz
± (1.0 % + 0.0005
)
Operational life
MIL-STD-202, method 108, 1000 h at T = 125 °C at rated power
± (2.0 % + 0.0005
)
Resistance to solder heat
MIL-STD-202, method 210, +260 °C solder, 10 s to 12 s dwell, 25 mm/s
emergence
± (1.0 % + 0.0005
)
Moisture resistance
MIL-STD-202, method 106, 0 % power, 7a and 7b not required
± (2.0 % + 0.0005
)
PACKAGING
MODEL
REEL
TAPE WIDTH
DIAMETER
PITCH
PIECES/REEL
CODE
RCWH0805
8 mm/punched paper
180 mm/7"
4 mm
5000
EA
l
b
a
70
120
100
80
60
40
20
0
-55
175
Ambient Temperature in °C
-25
0
25
75
100
125
155



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com