Electronic Components Datasheet Search
  English  ▼

X  

SW613 Datasheet(PDF) 1 Page - Shenzhen Sunnyway Battery Tech Co.Ltd.

Part # SW613
Description  Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25??77??
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNNYWAY [Shenzhen Sunnyway Battery Tech Co.Ltd.]
Direct Link  http://www.sunnyway-battery.com
Logo SUNNYWAY - Shenzhen Sunnyway Battery Tech Co.Ltd.

SW613 Datasheet(HTML) 1 Page - Shenzhen Sunnyway Battery Tech Co.Ltd.

  SW613_17 Datasheet HTML 1Page - Shenzhen Sunnyway Battery Tech Co.Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Nominal Voltage
Rated capacity (20 hour rate)
Total Height
Height
Length
Width
Dimensions
Capacity
affected
by Temperature
(20hour rate)
Terminal
Cycle
Float
Weight Approx
Capacity
25℃(77℉)
Internal Resistance
Self-Discharge
at 25
(77
)
℃
℉
Charge
(constant
Voltage)
1.30 AH
1.20 AH
1.10 AH
0.78 AH
1.5 hour discharge to 5.25 V
Full charged Battery at 25 (77 )
℃
℉
0.52 A
37 mΩ
40℃(104℉)
25℃(77℉)
0℃(32℉)
-15℃(5℉)
102%
100%
85%
65%
Capacity after 3 month storage
Capacity after 6 month storage
Capacity after 12 month storage
91%
82%
64%
T0
Initial Charging Current less than 0.52 A
Voltage 7.05-7.20 V
Voltage 6.75-6.90 V
6 V
1.3 Ah
56mm (2.20 inches)
52mm (2.05 inches)
98mm (3.86 inches)
25 mm (0.98 inches)
0.31 Kg (0.68lbs)
20 hour rate(0.065 A)
10 hour rate(0.12 A)
5 hour rate(0.22 A)
1 hour rate(0.78 A)
SW613(6V1.3AH)
R
98
25
4.5
3.9A
2.6A
1.3A
0.52A
0.26A 0.13A
5.10
6.90
5.70
6.00
6.30
6.60
5.40
4.80
4.50
( h )
( m i n )
40
20
60
40
20
2
10
8
6
4
10
8
6
4
2
1
0
3.90
4.20
0.065 A
3.2
6.35
Specifications
Characteristics
Outer dimensions (mm)
Terminal Type (mm)
Discharge Curves 25℃(77℉)
R
SHENZHEN SUNNYWAY BATTERY TECH CO.,LTD.
A
W
A
W
A
W
A
W
A
W
Time
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25℃(77℉)
5min
1h
2h
3h
4h
5h
8h
10h
20h
10min
15min
30min
4.80V
5.10V
5.25V
5.40V
5.55V
0.78
4.5
0.73
4.2
0.71
4.1
0.68
4.0
0.66
3.9
0.46
2.6
0.44
2.5
0.43
2.5
0.42
2.4
0.41
2.4
0.27
1.55
0.26
1.51
0.25
1.43
0.24
1.41
0.24
1.41
0.33
1.94
0.33
1.88
0.32
1.85
0.31
1.83
0.30
1.77
0.23
1.32
0.22
1.29
0.22
1.29
0.21
1.23
0.20
1.20
0.15
0.87
0.15
0.86
0.15
0.85
0.14
0.81
0.14
0.79
0.12
0.71
0.12
0.70
0.12
0.69
0.12
0.68
0.11
0.66
0.067
0.39
0.067
0.38
0.065
0.38
0.063
0.37
0.062
0.37
4.50
2.82
2.19
1.44
26.5
16.7
12.6
7.6
4.13
2.76
2.01
1.36
25.0
16.4
11.8
7.6
3.83
2.64
1.88
1.32
24.1
15.3
11.3
7.5
3.48
2.52
1.75
1.26
23.0
14.8
10.9
7.5
3.01
2.38
1.63
1.18
17.9
14.3
10.4
7.4


Similar Part No. - SW613_17

ManufacturerPart #DatasheetDescription
logo
Shenzhen Sunnyway Batte...
SW613 SUNNYWAY-SW613 Datasheet
357Kb / 1P
General Battery
More results

Similar Description - SW613_17

ManufacturerPart #DatasheetDescription
logo
Shenzhen Sunnyway Batte...
SW610 SUNNYWAY-SW610_17 Datasheet
494Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25??77??
SW623 SUNNYWAY-SW623_17 Datasheet
457Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25??77??
SW633 SUNNYWAY-SW633_17 Datasheet
502Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25??77??
SW1208 SUNNYWAY-SW1208_17 Datasheet
479Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25??77??
SW1250 SUNNYWAY-SW1250_17 Datasheet
477Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25??77??
SW1250E SUNNYWAY-SW1250E Datasheet
477Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25??77??
SW1280 SUNNYWAY-SW1280_17 Datasheet
492Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25??77??
SWF12550 SUNNYWAY-SWF12550_17 Datasheet
310Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25 (77 )
SWF121050 SUNNYWAY-SWF121050_17 Datasheet
315Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25 (77 )
SWF121550 SUNNYWAY-SWF121550_17 Datasheet
397Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25 (77 )
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com