Electronic Components Datasheet Search
  English  ▼

X  

SW640 Datasheet(PDF) 1 Page - Shenzhen Sunnyway Battery Tech Co.Ltd.

Part # SW640
Description  Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25??77??
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNNYWAY [Shenzhen Sunnyway Battery Tech Co.Ltd.]
Direct Link  http://www.sunnyway-battery.com
Logo SUNNYWAY - Shenzhen Sunnyway Battery Tech Co.Ltd.

SW640 Datasheet(HTML) 1 Page - Shenzhen Sunnyway Battery Tech Co.Ltd.

  SW640_17 Datasheet HTML 1Page - Shenzhen Sunnyway Battery Tech Co.Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
14.4A
12A
8.0A
4.0A
1.6A
0.80A 0.40A
0.20A
5.10
6.90
5.70
6.00
6.30
6.60
5.40
4.80
4.50
(h)
(min)
40
20
60
40
20
2
10
8
6
4
10
8
6
4
2
1
0
3.90
4.20
R
Nominal Voltage
Rated capacity (20 hour rate)
Total Height
Height
Length
Width
Dimensions
Capacity
affected
by Temperature
(20hour rate)
Terminal
Cycle
Float
Weight Approx
Capacity
25℃(77℉)
Internal Resistance
Self-Discharge
at 25
(77
)
℃
℉
Charge
(constant
Voltage)
4.00 AH
3.70 AH
3.40 AH
2.40 AH
1.5 hour discharge to 5.25 V
Full charged Battery at 25 (77 )
℃
℉
1.6 A
25 mΩ
40℃(104℉)
25℃(77℉)
0℃(32℉)
-15℃(5℉)
102%
100%
85%
65%
Capacity after 3 month storage
Capacity after 6 month storage
Capacity after 12 month storage
91%
82%
64%
T1
Initial Charging Current less than 1.6A
Voltage 7.05-7.20 V
Voltage 6.75-6.90 V
6 V
4.0 Ah
106 mm(4.17 inches)
101 mm(3.98 inches)
70 mm(2.76 inches)
48 mm(1.89 inches)
0.67 Kg(1.47 lbs)
20 hour rate(0.20A)
10 hour rate(0.37A)
5 hour rate(0.68A)
1 hour rate(2.40A)
SW640(6V4.0AH)
70
48
Specifications
Characteristics
Outer dimensions (mm)
Terminal Type (mm)
Discharge Curves 25℃(77℉)
R
SHENZHEN SUNNYWAY BATTERY TECH CO.,LTD.
3.4
7.85
5min
10min
15min
30min
1h
2h
3h
4h
5h
8h
10h
20h
A
14.40
9.02
7.00
4.60
2.40
1.40
1.03
0.83
0.70
0.46
0.38
0.21
W
84.9
53.3
40.3
24.4
13.8
8.1
5.96
4.78
4.06
2.68
2.19
1.20
A
13.20
8.83
6.43
4.37
2.25
1.34
1.00
0.80
0.69
0.46
3.72
0.20
W
79.9
52.5
37.9
24.3
13.0
7.8
5.79
4.63
3.98
2.63
2.15
1.17
A
12.24
8.44
6.00
4.23
2.18
1.32
0.98
0.76
0.69
0.45
0.37
0.20
W
77.2
49.0
36.3
24.0
12.6
7.6
5.69
4.40
3.96
2.61
2.13
1.16
A
11.15
8.07
5.60
4.04
2.11
1.28
0.97
0.75
0.65
0.44
0.36
0.20
W
73.7
47.5
34.9
23.9
12.3
7.5
5.63
4.35
3.78
2.50
2.08
1.13
A
9.64
7.60
5.20
3.76
2.03
1.25
0.92
0.73
0.62
0.43
0.35
0.19
W
57.4
45.9
33.3
23.8
12.1
7.4
5.46
4.33
3.70
2.42
2.04
1.13
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25℃(77℉)
Time
4.80V
5.55V
5.10V
5.25V
5.40V


Similar Part No. - SW640_17

ManufacturerPart #DatasheetDescription
logo
Shenzhen Sunnyway Batte...
SW640 SUNNYWAY-SW640_1 Datasheet
391Kb / 1P
General Battery
SW640 SUNNYWAY-SW640_11 Datasheet
271Kb / 1P
General Battery
More results

Similar Description - SW640_17

ManufacturerPart #DatasheetDescription
logo
Shenzhen Sunnyway Batte...
SW610 SUNNYWAY-SW610_17 Datasheet
494Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25??77??
SW623 SUNNYWAY-SW623_17 Datasheet
457Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25??77??
SW633 SUNNYWAY-SW633_17 Datasheet
502Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25??77??
SW1208 SUNNYWAY-SW1208_17 Datasheet
479Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25??77??
SW1250 SUNNYWAY-SW1250_17 Datasheet
477Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25??77??
SW1250E SUNNYWAY-SW1250E Datasheet
477Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25??77??
SW1280 SUNNYWAY-SW1280_17 Datasheet
492Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25??77??
SWF12550 SUNNYWAY-SWF12550_17 Datasheet
310Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25 (77 )
SWF121050 SUNNYWAY-SWF121050_17 Datasheet
315Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25 (77 )
SWF121550 SUNNYWAY-SWF121550_17 Datasheet
397Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25 (77 )
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com