Electronic Components Datasheet Search
  English  ▼

X  

MM5452V Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM5452V
Description  Liquid Crystal Display Drivers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM5452V Datasheet(HTML) 6 Page - National Semiconductor (TI)

  MM5452V Datasheet HTML 1Page - National Semiconductor (TI) MM5452V Datasheet HTML 2Page - National Semiconductor (TI) MM5452V Datasheet HTML 3Page - National Semiconductor (TI) MM5452V Datasheet HTML 4Page - National Semiconductor (TI) MM5452V Datasheet HTML 5Page - National Semiconductor (TI) MM5452V Datasheet HTML 6Page - National Semiconductor (TI) MM5452V Datasheet HTML 7Page - National Semiconductor (TI) MM5452V Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Functional Description (Continued)
TLF6137 – 7
The minimum recommended value for R for the oscillator input is 9 kX An RC time constant of approximately
491 c 10b4 should produce a backplane frequency between 30 Hz and 150 Hz
FIGURE 6 Parallel Backplane Outputs
TLF6137 – 8
FIGURE 7 External Backplane Clock
Figure 8 shows a four wire remote display that takes advan-
tage of the device’s serial input to move many bits of display
information on a few wires
USING AN EXTERNAL CLOCK
The MM5452MM5453 LCD Drivers can be used with an
externally supplied clock provided it has a duty cycle of
50% Deviations from a 50% duty cycle result in an offset
voltage on the LCD In
Figure 7 a flip-flop is used to assure
a 50% duty cycle The oscillator input is grounded to pre-
vent oscillation and reduce current consumptions in the
chips The oscillator is not used
Using an external clock allows synchronizing the display
drive with AC power internal clocks or DVM integration
time to reduce interference from the display
Figure 9 is a general block diagram that shows how the
device’s serial input can be used to advantage in an analog
display The analog voltage input is compared with a stair-
case voltage generated by a counter and a digital-to-analog
converter or resistor array The result of this comparison is
clocked into the MM5452 MM5453 The next clock pulse
increments the staircase and clocks the new data in
With a buffer amplifier the same staircase waveform can be
used for many displays The digital-to-analog converter
need not be linear logarithmic or other non-linear functions
can be displayed by using weighted resistors or special
DACs This system can be used for status indicators spec-
trum analyzers audio level and power meters tuning indica-
tors and other applications
6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com