Electronic Components Datasheet Search
  English  ▼

X  

ST-4 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # ST-4
Description   Surface Mount Cermet Trimmers (single turn)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST-4 Datasheet(HTML) 2 Page - Vishay Siliconix

  ST-4 Datasheet HTML 1Page - Vishay Siliconix ST-4 Datasheet HTML 2Page - Vishay Siliconix ST-4 Datasheet HTML 3Page - Vishay Siliconix ST-4 Datasheet HTML 4Page - Vishay Siliconix ST-4 Datasheet HTML 5Page - Vishay Siliconix ST-4 Datasheet HTML 6Page - Vishay Siliconix ST-4 Datasheet HTML 7Page - Vishay Siliconix ST-4 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Document Number: 58010
For technical questions contact: copalsupport@vishay.com
www.vishay.com
Revision: 06-Mar-06
2
ST-4
Surface Mount Cermet Trimmers (single turn)
Vishay
Unless otherwise specified, tolerance: ± 0.3 (Unit: mm)
ST-4A, 4EA
Top adjustment
ST-4B, 4EB
Top adjustment
ST-4C, 4EC
Top adjustment
*: Note the terminal position.
2
0.6 W × 2.3 L× 0.5 D
Resistance code & Production date code
Lead (Pb)-free Identification mark
5
2.3
t = 0.15
1.2
2.35
2 - 0.8
3
1
5
2.3
1.2
2.35
2 - 0.8
2
Resistance code & Production date code
t = 0.15
3
1
0.6 W × 2.3 L× 0.5 D
5
4 ± 1
3 - 0.6
2.54
2
Resistance code & Production date code
t = 0.15
3
1
2.3
0.6 W × 2.3 L× 0.5 D
Lead (Pb)-free Identification mark
CW rotation
1
2
3
ST-4G, 4EG
Side adjustment
5
4.5
2.35
2 - 0.8
1.2
2
Resistance code & Production date code
t = 0.15
3
1
0.6 W × 2.3 L × 0.5 D
Lead-free Identification mark
Lead (Pb)-free Identification mark
DIMENSIONS in millimeters
OUTLINE DIMENSIONS
Specifications are subject to change without notice. Specifications in this catalog are for reference. The formal specification sheets will be
submitted upon request.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com