Electronic Components Datasheet Search
  English  ▼

X  

TZM5259 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TZM5259
Description  Small Signal Zener Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TZM5259 Datasheet(HTML) 2 Page - Vishay Siliconix

  TZM5259 Datasheet HTML 1Page - Vishay Siliconix TZM5259 Datasheet HTML 2Page - Vishay Siliconix TZM5259 Datasheet HTML 3Page - Vishay Siliconix TZM5259 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TZM5221 to TZM5267
www.vishay.com
Vishay Semiconductors
Rev. 1.9, 04-Sep-15
2
Document Number: 85609
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Based on DC measurement at thermal equilibrium; case temperature maintained at 30 °C ± 2 °C
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PART NUMBER
ZENER VOLTAGE
RANGE (1)
TEST CURRENT
REVERSE
LEAKAGE
CURRENT
DYNAMIC RESISTANCE
TEMPERATURE
COEFFICIENT
VZ at IZT1
IZT1
IZT2
IR at VR
ZZ at IZT1
ZZK at IZT2
TKVZ
f = 1 kHz
V
mA
μA
V
%/K
NOM.
TYP.
TYP.
TZM5221
2.4
20
0.25
< 100
1
< 30
< 1200
< - 0.085
TZM5222
2.5
20
0.25
< 100
1
< 30
< 1250
< - 0.085
TZM5223
2.7
20
0.25
< 75
1
< 30
< 1300
< - 0.080
TZM5224
2.8
20
0.25
< 75
1
< 30
< 1400
< - 0.080
TZM5225
3
20
0.25
< 50
1
< 29
< 1600
< - 0.075
TZM5226
3.3
20
0.25
< 25
1
< 28
< 1600
< - 0.070
TZM5227
3.6
20
0.25
< 15
1
< 24
< 1700
< - 0.065
TZM5228
3.9
20
0.25
< 10
1
< 23
< 1900
< - 0.060
TZM5229
4.3
20
0.25
< 5
1
< 22
< 2000
< ± 0.055
TZM5230
4.7
20
0.25
< 5
2
< 19
< 1900
< ± 0.030
TZM5231
5.1
20
0.25
< 5
2
< 17
< 1600
< ± 0.030
TZM5232
5.6
20
0.25
< 5
3
< 11
< 1600
< + 0.038
TZM5233
6
20
0.25
< 5
3.5
< 7
< 1600
< + 0.038
TZM5234
6.2
20
0.25
< 5
4
< 7
< 1000
< + 0.045
TZM5235
6.8
20
0.25
< 3
5
< 5
< 750
< + 0.050
TZM5236
7.5
20
0.25
< 3
6
< 6
< 500
< + 0.058
TZM5237
8.2
20
0.25
< 3
6.5
< 8
< 500
< + 0.062
TZM5238
8.7
20
0.25
< 3
6.5
< 8
< 600
< + 0.065
TZM5239
9.1
20
0.25
< 3
7
< 10
< 600
< + 0.068
TZM5240
10
20
0.25
< 3
8
< 17
< 600
< + 0.075
TZM5241
11
20
0.25
< 2
8.4
< 22
< 600
< + 0.076
TZM5242
12
20
0.25
< 1
9.1
< 30
< 600
< + 0.077
TZM5243
13
9.5
0.25
< 0.5
9.9
< 13
< 600
< + 0.079
TZM5244
14
9
0.25
< 0.1
10
< 15
< 600
< + 0.082
TZM5245
15
8.5
0.25
< 0.1
11
< 16
< 600
< + 0.082
TZM5246
16
7.8
0.25
< 0.1
12
< 17
< 600
< + 0.083
TZM5247
17
7.4
0.25
< 0.1
13
< 19
< 600
< + 0.084
TZM5248
18
7
0.25
< 0.1
14
< 21
< 600
< + 0.085
TZM5249
19
6.6
0.25
< 0.1
14
< 23
< 600
< + 0.086
TZM5250
20
6.2
0.25
< 0.1
15
< 25
< 600
< + 0.086
TZM5251
22
5.6
0.25
< 0.1
17
< 29
< 600
< + 0.087
TZM5252
24
5.2
0.25
< 0.1
18
< 33
< 600
< + 0.088
TZM5253
25
5
0.25
< 0.1
19
< 35
< 600
< + 0.089
TZM5254
27
4.6
0.25
< 0.1
21
< 41
< 600
< + 0.090
TZM5255
28
4.5
0.25
< 0.1
21
< 44
< 600
< + 0.091
TZM5256
30
4.2
0.25
< 0.1
23
< 49
< 600
< + 0.091
TZM5257
33
3.8
0.25
< 0.1
25
< 58
< 700
< + 0.092
TZM5258
36
3.4
0.25
< 0.1
27
< 70
< 700
< + 0.093
TZM5259
39
3.2
0.25
< 0.1
30
< 80
< 800
< + 0.094
TZM5260
43
3
0.25
< 0.1
33
< 93
< 900
< + 0.095
TZM5261
47
2.7
0.25
< 0.1
36
105
< 1000
< + 0.095
TZM5262
51
2.5
0.25
< 0.1
39
125
< 1100
< + 0.096
TZM5263
56
2.2
0.25
< 0.1
43
150
< 1300
< + 0.096
TZM5264
60
2.1
0.25
< 0.1
46
170
< 1400
< + 0.097
TZM5265
62
2
0.25
< 0.1
47
185
< 1400
< + 0.097
TZM5266
68
1.8
0.25
< 0.1
52
230
< 1600
< + 0.097
TZM5267
75
1.7
0.25
< 0.1
56
270
< 1700
< + 0.098



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com