Electronic Components Datasheet Search
  English  ▼

X  

AM29F032B-150EE Datasheet(PDF) 5 Page - Advanced Micro Devices

Part # AM29F032B-150EE
Description  32 Megabit (4 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F032B-150EE Datasheet(HTML) 5 Page - Advanced Micro Devices

  AM29F032B-150EE Datasheet HTML 1Page - Advanced Micro Devices AM29F032B-150EE Datasheet HTML 2Page - Advanced Micro Devices AM29F032B-150EE Datasheet HTML 3Page - Advanced Micro Devices AM29F032B-150EE Datasheet HTML 4Page - Advanced Micro Devices AM29F032B-150EE Datasheet HTML 5Page - Advanced Micro Devices AM29F032B-150EE Datasheet HTML 6Page - Advanced Micro Devices AM29F032B-150EE Datasheet HTML 7Page - Advanced Micro Devices AM29F032B-150EE Datasheet HTML 8Page - Advanced Micro Devices AM29F032B-150EE Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
4
Am29F032B
PRODUCT SELECTOR GUIDE
Note: See “AC Characteristics” for full specifications.
BLOCK DIAGRAM
Family Part Number
Am29F032B
Speed Options
V
CC = 5.0 V ± 5%
-75
V
CC = 5.0 V ± 10%
-90
-120
-150
Max access time, ns (t
ACC)
70
90
120
150
Max CE# access time, ns (t
CE)
70
90
120
150
Max OE# access time, ns (t
OE)
4040
5075
Input/Output
Buffers
X-Decoder
Y-Decoder
Chip Enable
Output Enable
Erase Voltage
Generator
PGM Voltage
Generator
Timer
V
CC Detector
State
Control
Command
Register
V
CC
V
SS
WE#
CE#
OE#
STB
STB
DQ0
DQ7
Sector Switches
RY/BY#
RESET#
Data
Latch
Y-Gating
Cell Matrix
A0–A21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39