| Electronic Components Datasheet Search |
|
BQ2016 Datasheet(PDF) 18 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
BQ2016 Datasheet(HTML) 18 Page - Texas Instruments |
|
18 / 21 page ![]() bq2016 GAS GAUGE IC FOR HIGH DISCHARGE RATES SLUS475A– JANUARY 2001 – REVISED NOVEMBER 2002 18 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 To calibrate the VFC, 0x68 must be written to this location. During VFC offset calibration, the bq2016 deselects the SR1 and SR2 inputs and disables the LEDs. When the bq2016 successfully completes VFC calibration, it sets the OCE bit in FLAGS1. The command 0x60 terminates a VFC calibration. The bq2016 automatically performs VFC calibration after trickle detection and initial power-up, and when NAC = LMD. PFC (0x0f) – Programmed Full Count The PFC register stores the battery design capacity as defined by the VPFC input. VSB (0x10 and 0x11) – Battery Voltage VSBH (0x11) and VSBL (0x10) form the 16-bit register that contains the voltage present at the SB input pin in mV. VSR (0x12 and 0x13) – Current Scale VSRH (0x13) and VSBL (0x12) form the 16-bit register that contains the voltage present across the SR inputs pin in mV. TEMPV (0x14 and 0x15) – Thermistor Voltage TEMPVH (0x15) and TEMPVL (0x14) form the 16-bit register that contains the voltage present at the TS inputs pin in mV. DCR (0x18) – Discharge Count Register DCR stores the cumulative discharge count from the time VDQ is set on a charge. The data is represented in the same units as PFC. The number of counts equals DRC × 256. FLAGS3 (0x4c) – Third Status Flags The FLAGS3 register provides bq2016 status information. The 8-bit register includes the following status bits: 7 6 5 4 3 2 1 0 RSVD RSVD RSVD RSVD VQ CR1 CR0 RSVD CR1–CR0 The CR1–CR0 bits represent the present charge rate of the battery according to the following code: CHARGE RATE INDICATION CHARGE RATE (R) CR1 CR0 R ≤ C / 8 0 0 C / 5 ≥ R > C / 8 0 1 R > C / 5 1 1 VQ The bq2016 sets the VQ bit when it detects a valid charge condition. A valid charge is two NAC increments. Bit = Condition 0 = No valid charge condition 1 = Valid charge condition present |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |