Electronic Components Datasheet Search
  English  ▼

X  

BQ24200 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24200
Description  SINGLE CHIP U-I ONAND LI-POL CHARGE MANAGEMENT IC FOR CURRENT LIMITED APPLICATIONS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24200 Datasheet(HTML) 1 Page - Texas Instruments

  BQ24200 Datasheet HTML 1Page - Texas Instruments BQ24200 Datasheet HTML 2Page - Texas Instruments BQ24200 Datasheet HTML 3Page - Texas Instruments BQ24200 Datasheet HTML 4Page - Texas Instruments BQ24200 Datasheet HTML 5Page - Texas Instruments BQ24200 Datasheet HTML 6Page - Texas Instruments BQ24200 Datasheet HTML 7Page - Texas Instruments BQ24200 Datasheet HTML 8Page - Texas Instruments BQ24200 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
bq24200, bq24201, bq24202
bq24203, bq24204, bq24205
SLUS501A – OCTOBER 2001
SINGLECHIP LIION AND LIPOL CHARGE MANAGEMENT IC
FOR CURRENT LIMITED APPLICATIONS
1
www.ti.com
FEATURES
D Designed Specifically to Work With
Current-Limited Wall Supplies
D Ideal for Low Dropout Charger Design for
Single-Cell Li-Ion Packs With Coke or
Graphite Anodes
D Integrated PowerFET for 500 mA
D Integrated Voltage Regulation With 0.5%
Accuracy
D Battery Insertion and Removal Detection
D Charge Termination by Minimum Current and
Time
D Pre-Charge Conditioning With Safety Timer
D Sleep Mode for Low-Power Consumption
D Charge Status Output for LED or Host
Processor Interface Indicates
Charge-in-Progress, Charge Completion, and
Fault Conditions
D Optional Temperature Monitoring Before and
During Charge
D Small, 8-Pin Power-Pad MSOP Package
TYPICAL APPLICATION
DESCRIPTION
The bq2420x series are simple Li-Ion linear
charge management devices targeted at low-cost
and space limited charger applications. The
bq2420x
series
offer
integrated
powerFET,
high-accuracy voltage regulation, temperature
monitoring,
charge
status,
and
charge
termination, in a single monolithic device.
The bq2420x is designed to work with a
current-limited
wall-mount
transformer
and
therefore does not provide any current regulation.
However, these devices offer a fixed internal
current limit to prevent damage to the internal
powerFET. A time-limited pre-conditioning phase
is provided to condition deeply discharged cells.
Once the battery reaches the charge voltage, the
high accuracy voltage regulation loop takes over
and completes the charge cycle. Charge is
terminated based on minimum current. An internal
charge timer provides a backup safety for charge
termination.
Other standard features include an automatic
sleep mode activated when VCC falls below the
battery voltage and a recharge feature activated
when the battery voltage falls below the VRCH
threshold.
In addition to the standard features, the core
product provides two additional enhancements:
temperature monitoring and status display. The
temperature-sense circuit continuously measures
battery temperature using an external thermistor
and inhibits charge until the battery temperature is
within the user–defined thresholds. The STAT pin
indicates three conditions of operation of the
charger.
These
conditions
are
charge-
in-progress, charge complete, and fault. This
output can be used to drive an LED or an interface
to a microcontroller.
Copyright
 2001, Texas Instruments Incorporated
1
4
2
8
IN
VCC
VSS
OUT
7
BAT
6
CE
5
N/C
C1
bq24202DGN
3STAT
DC+
DC–
R1
C1
+
BATTERY PACK
UDG–01111
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - BQ24200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24200DGN TI1-BQ24200DGN Datasheet
1Mb / 20P
SINGLE-CHIP LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR CURRENT-LIMITED APPLICATIONS
BQ24200DGNG4 TI1-BQ24200DGNG4 Datasheet
1Mb / 20P
SINGLE-CHIP LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR CURRENT-LIMITED APPLICATIONS
BQ24200DGNR TI1-BQ24200DGNR Datasheet
1Mb / 20P
SINGLE-CHIP LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR CURRENT-LIMITED APPLICATIONS
BQ24200DGNRG4 TI1-BQ24200DGNRG4 Datasheet
1Mb / 20P
SINGLE-CHIP LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR CURRENT-LIMITED APPLICATIONS
More results

Similar Description - BQ24200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24013 TI-BQ24013 Datasheet
289Kb / 21P
SINGLE-CHIP, LI-ION CHARGE MANAGEMENT IC FOR HANDHELD APPLICATIONS (bq TINY)
BQ24901 TI-BQ24901 Datasheet
266Kb / 18P
SINGLE-CELL LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR OFFLINE APPLICATIONS
BQ2406X TI-BQ2406X Datasheet
1Mb / 31P
1A SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC WITH THERMAL REGULATION
BQ2406X6X TI-BQ2406X6X_07 Datasheet
1Mb / 33P
1A SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC WITH THERMAL REGULATION
BQ24010 TI-BQ24010_07 Datasheet
636Kb / 25P
SINGLE-CHIP, LI-ION CHARGE MANAGEMENT IC FOR HANDHELD APPLICATIONS (bqTINY??
BQ24085 TI-BQ24085 Datasheet
1Mb / 34P
750 mA SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC WITH THERMAL REGULATION
BQ24085DRCR TI-BQ24085DRCR Datasheet
1Mb / 35P
750 mA SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC
BQ24200DGNG4 TI1-BQ24200DGNG4 Datasheet
1Mb / 20P
SINGLE-CHIP LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR CURRENT-LIMITED APPLICATIONS
BQ24085 TI1-BQ24085_15 Datasheet
1Mb / 40P
Single-Chip Li-Ion and Li-Pol Charge Management IC
BQ24010 TI1-BQ24010 Datasheet
977Kb / 24P
Single-Chip, Li-Ion Charge Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com