Electronic Components Datasheet Search
  English  ▼

X  

TMC Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TMC
Description  Wirewound Resistors, Industrial Power, Aluminum Housed, Chassis Mount
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TMC Datasheet(HTML) 1 Page - Vishay Siliconix

  TMC Datasheet HTML 1Page - Vishay Siliconix TMC Datasheet HTML 2Page - Vishay Siliconix TMC Datasheet HTML 3Page - Vishay Siliconix TMC Datasheet HTML 4Page - Vishay Siliconix TMC Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TMC
www.vishay.com
Vishay Huntington
Revision: 23-Jun-16
1
Document Number: 31806
For technical questions, contact: ww2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Wirewound Resistors, Industrial Power, Aluminum Housed,
Chassis Mount
FEATURES
• Molded construction for total environmental
protection
• Complete welded construction
• Available in non-inductive styles (NI special)
with Ayrton-Perry winding for lowest reactive
components
• Mounts on chassis to utilize heat-sink effect
• Excellent stability in operation (< 1 % change in
resistance)
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912
Note
• The NI is for two digit “special” number to indicate a non-inductive part.
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL
MODEL
HISTORICAL
MODEL
POWER RATING
P25 °C
W
RESISTANCE
RANGE
TOLERANCE
± %
WEIGHT
(typical)
g
TMC005
TMC-5
7.5
0.02 to 24.5K
1, 3, 5
3
TMC005…NI
TMC-5-…-NI
7.5
0.05 to 12.75K
1, 3, 5
3
TMC010
TMC-10
12.5
0.01 to 47.1K
1, 3, 5
5
TMC010…NI
TMC-10-…-NI
12.5
0.05 to 23.5K
1, 3, 5
5
TMC025
TMC-25
25
0.01 to 95.2K
1, 3, 5
12
TMC025…NI
TMC-25-…-NI
25
0.05 to 47.6K
1, 3, 5
12
TMC050
TMC-50
50
0.01 to 273K
1, 3, 5
28
TMC050…NI
TMC-50-…-NI
50
0.05 to 136K
1, 3, 5
28
TMC100
TMC-100
100
0.05 to 90K
1, 3, 5
353
TMC100…NI
TMC-100-…-NI
100
0.05 to 37.5K
1, 3, 5
353
TMC250
TMC-250
250
0.05 to 116K
1, 3, 5
637
TMC250…NI
TMC-250-…-NI
250
0.05 to 48.5K
1, 3, 5
637
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
TMC RESISTOR CHARACTERISTICS
Temperature Coefficient
ppm/°C
± 20 for 10
 and above; ± 50 for 1  to 9.9 , ± 100 for 0.5  to 0.99 
Maximum Working Voltage
V
(P x R)1/2
Insulation Resistance
10 000 M
 minimum dry, 1000 M minimum after moisture test
Solderability
-
Meets requirements of ANSI J-STD-002
Operating Temperature Range
°C
-55 to +250
GLOBAL PART NUMBER INFORMATION
Global Part Numbering example: TMC0054R125FE02NI (visit www.vishay.net Vishay Dale parts numbering manual for all options)
GLOBAL MODEL
(6 digits)
VALUE
(5 digits)
TOLERANCE
(1 digit)
PACKAGING CODE
(3 digits)
SPECIAL
(up to 2 digits)
(See Standard Electrical
Specifications Global
Model column
for options)
R = decimal
K = thousand
15R00 = 15
10K00 = 10 k
F = 1 %
H = 3 %
J = 5 %
E02 = lead (Pb)-free, card pack
(TMC005 to TMC050)
E01 = lead (Pb)-free, skin pack
(TMC100 and TMC250)
NI = non-inductive
(dash number)
from 1 to 99
as applicable
Historical Part Number example: TMC-5-4.125-1%-NI
TMC-5
4.125
1 %
NI
HISTORICAL MODEL
RESISTANCE VALUE
TOLERANCE
SPECIAL
M
C
00
54
R
12
5
F
E
0
T
2
N
I


Similar Part No. - TMC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMC ETC2-TMC Datasheet
129Kb / 1P
EM Clutch (with bearing mounted field)
logo
Vishay Siliconix
TMC VISHAY-TMC Datasheet
96Kb / 5P
NTC Thermistors, Radial Leaded and Coateds
08-Apr-2021
logo
Adam Technologies, Inc.
TMC-1-XX-1-G-260-5391 ADAM-TECH-TMC-1-XX-1-G-260-5391 Datasheet
78Kb / 1P
SCREW MACHONE TERMINAL
logo
Topstek Inc.
TMC-100A TOPSTEK-TMC-100A Datasheet
129Kb / 2P
Highly reliable Hall Effect device
logo
Adam Technologies, Inc.
TMC-3XX-1-G-1 ADAM-TECH-TMC-3XX-1-G-1 Datasheet
82Kb / 1P
SCREW MACHONE TERMINAL
More results

Similar Description - TMC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RH050270R0FE02 VISHAY-RH050270R0FE02 Datasheet
198Kb / 5P
Wirewound Resistors, Industrial Power, Aluminum Housed, Chassis Mount
22-Jun-12
RH025R2000 VISHAY-RH025R2000 Datasheet
195Kb / 5P
Wirewound Resistors, Industrial Power, Aluminum Housed, Chassis Mount
23-May-13
logo
Riedon Powertron
UAL RIEDON-UAL Datasheet
353Kb / 4P
Aluminum Housed Power Wirewound Resistors
UAL10-2R5F8 RIEDON-UAL10-2R5F8 Datasheet
353Kb / 4P
Aluminum Housed Power Wirewound Resistors
UAL10-20KF8 RIEDON-UAL10-20KF8 Datasheet
353Kb / 4P
Aluminum Housed Power Wirewound Resistors
UAL25-1K5F8 RIEDON-UAL25-1K5F8 Datasheet
353Kb / 4P
Aluminum Housed Power Wirewound Resistors
UAL25-12RF8 RIEDON-UAL25-12RF8 Datasheet
353Kb / 4P
Aluminum Housed Power Wirewound Resistors
UAL25-15RF8 RIEDON-UAL25-15RF8 Datasheet
353Kb / 4P
Aluminum Housed Power Wirewound Resistors
UAL25-75RF8 RIEDON-UAL25-75RF8 Datasheet
353Kb / 4P
Aluminum Housed Power Wirewound Resistors
UAL25-750RF8 RIEDON-UAL25-750RF8 Datasheet
353Kb / 4P
Aluminum Housed Power Wirewound Resistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com