Electronic Components Datasheet Search
  English  ▼

X  

CA1 Datasheet(PDF) 2 Page - Nais(Matsushita Electric Works)

Part # CA1
Description  AUTOMOTIVE POWER RELAYS SMALL SIZE, LIGHT WEIGHT AND COMPLETELY WATER TIGHT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

CA1 Datasheet(HTML) 2 Page - Nais(Matsushita Electric Works)

  CA1 Datasheet HTML 1Page - Nais(Matsushita Electric Works) CA1 Datasheet HTML 2Page - Nais(Matsushita Electric Works) CA1 Datasheet HTML 3Page - Nais(Matsushita Electric Works) CA1 Datasheet HTML 4Page - Nais(Matsushita Electric Works) CA1 Datasheet HTML 5Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CA
384
Characteristics (at 20
°C 68°F )
Electrical life (min. operation)
Remarks
* Specifications will vary with foreign standards certification ratings.
*1 Detection current: 10 mA
*2 Excluding contact bounce time
*3 Half-wave pulse of sine wave: 11ms; detection time: 10
µs
*4 Half-wave pulse of sine wave: 6ms
*5 Detection time: 10
µs
*6 Refer to 5. Conditions for operation, transport and storage mentioned in
AMBIENT ENVIRONMENT (Page 61)
Type
12 V DC
24 V DC
Max. operating speed
15 cpm 1.4 W type: at nominal load
1.8 W type: at 20 A
15 cpm (at nominal load)
Initial insulation resistance
Min. 10
Ω at 500 V DC
Initial breakdown
voltage*1
Between open contacts
500 V rms for 1 min.
Between contacts and coil
500 V rms for 1 min.
Operate time*2 (at nominal voltage)
Max. 10 ms at 20
°C
Max. 10 ms
Release time (without diode)*2
(at nominal voltage)
Max. 10 ms at 20
°C
Max. 10 ms
Shock resistance
Functional
Min. 200 m/s2 {20 G}
Min. 100 m/s2 {10 G}
Min. 100 m/s2 {10 G}*3
Destructive*4
Min. 1,000 m/s2 {100 G}
Vibration resistance
Functional*5
Rubber bracket A type: Min. 100 m/s2 {10 G}, 50 to 500Hz
Direct coupling type or Screw-mounting type: Min. 44.1 m/s2 {4.5 G}, 10 to 100 Hz
Min. 44.1 m/s2 {4.5 G},
10 to 100Hz
Destructive
Rubber bracket A type: Min. 100m/s2 {10 G},50 to 500Hz
Direct coupling type or Screw-mounting type: Min. 44.1 m/s2 {4.5 G}, 10 to 100 Hz
Min. 44.1 m/s2 {4.5 G},
10 to 500Hz
Conditions for operation,
transport and storage*6
(Not freezing and condensing
low temperature)
Ambient
temp.
–30
°C to +80°C –22°F to +176°F
Humidity
5 to 85% R.H.
Water-proof standard
Plastic sealed type: JIS DO203S2, Dust cover type: JIS DO203R2
JIS DO203S2
Unit weight
Rubber bracket A type : 23 g .81 oz
Direct coupling type or Screw-mounting type:
19 g .67 oz
31 g 1.09 oz
Nominal coil voltage, V DC
Motor load
(operating frequency ON: 2 s, OFF: 2 s)
Halogen lamp load
(operating frequency ON: 1 s, OFF: 14 s)
1 Form A, 1 Form B
12
105, 20 A 12 V DC
105, 20 A 12 V DC
1 Form C
12
105, 20 A 12 V DC
105, 20 A 12 V DC
24
105, 10 A 24 V DC
105, 6 A 24 V DC
ORDERING INFORMATION
CA
1a
F
S
12 V
A
5
Contact
arrangement
Notes: 1. Type with resistor/diode inside are available as options. Please consulf our sales office.
2. Standard packing: Carton: 20 pcs. Case: 200 pcs.
Mounting method
Classification by type
1a: 1 Form A
1b: 1 Form B
1 : 1 Form C
Protective construction
Nil: Plastic sealed type
F: Dust cover type
Coil voltage
(DC)
12 V
24 V (1 Form C only)
Nil: 1 Form C
5: 1 Form A or
1 Form B
Nominal operating power
Nil: Standard type (1.8 W)
S: Low operating power type (1.4 W)
(1 Form A, 1 Form B)
A: Rubber bracket A type
A: (1 Form A, 1 Form B)
N: Screw mounting type
C: Direct coupling type
COIL DATA
1) Standard type
Contact
arrangement
Mounting type
Plastic sealed
type
Dust cover type
Nominal
voltage,
V DC
Pick-up voltage,
V DC (max.)
(at 20
°C 68°F)
Drop-out
voltage, V DC
(min.)
(at 20
°C 68°F)
Nominal oper-
ating current,
mA (
±10%)
(at 20
°C 68°F)
Coil resistance,
Ω (±10%)
(at 20
°C 68°F)
Nominal
operating
power, mW
(at 20
°C 68°F)
Usable
voltage
range, V
DC
1 Form A
Rabber bracket A CA1a-12V-A-5
CA1aF-12V-A-5
12
8
0.6 to 6
150
80
1.8
10 to 16
Screw-mounting
CA1a-12V-N-5
CA1aF-12V-N-5
12
8
0.6 to 6
150
80
1.8
10 to 16
Direct coupling
CA1a-12V-C-5
CA1aF-12V-C-5
12
8
0.6 to 6
150
80
1.8
10 to 16
1 Form B
Rabber bracket A CA1b-12V-A-5
CA1bF-12V-A-5
12
8
0.6 to 6
150
80
1.8
10 to 16
Screw-mounting
CA1b-12V-N-5
CA1bF-12V-N-5
12
8
0.6 to 6
150
80
1.8
10 to 16
Direct coupling
CA1b-12V-C-5
CA1bF-12V-C-5
12
8
0.6 to 6
150
80
1.8
10 to 16
1 Form C
Screw-mounting
CA1-DC12V-N
–
12
8
0.6
150
80
1.8
10 to 15
Direct coupling
CA1-DC12V-C
–
12
8
0.6
150
80
1.8
10 to 15
Screw-mounting
CA1-DC24V-N
–
24
16
1.2
75
320
1.8
20 to 30
Direct coupling
CA1-DC24V-C
–
24
16
1.2
75
320
1.8
20 to 30
()



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com