Electronic Components Datasheet Search
  English  ▼

X  

ARS169 Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # ARS169
Description  SMTO-8B CASCADABLE ARS169 AMPLIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

ARS169 Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  ARS169 Datasheet HTML 1Page - Teledyne Technologies Incorporated ARS169 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TYPICAL PERFORMANCE
TYPICAL AUTOMATIC TEST DATA
650-691-9800 • Fax: 650-962-6845 • Updates: www.teledynemicrowave.com • microwave@teledyne.com
ARS169
Gain vs Temperature
Vcc = 15
3 0.0
29.0
28.0
27.0
4.0
3.5
3.0
2.5
Noise Figure
KEY: +25 °C
+85 °C
-55 °C
25.0
24.0
23.0
22.0
21.0
20.0
19.0
Power Output at 1 dB Compression
90
80
70
60
50
40
30
Intercept Point Vcc = 15
+ 15 V
+15 V
+12 V
+12 V
F REQUENCY - MHz
1
10
30
50
70
90
100
150
200
250
300
1
10
30
50
70
90
100
150
200
250
300
1
10
30
50
70
90
100
150
200
250
300
1
10
30
50
70
90
100
150
200
250
300
FREQUENCY - MHz
FREQUENCY - MHz
FREQUENCY - MHz
2nd HAR
IP 3
IP 2
90
80
70
60
50
40
30
Intercept Point Vcc = 12
1
10
30
50
70
90
100
150
200
250
300
FREQUENCY - MHz
2nd HAR
IP 3
IP 2
Model: ARS169
Vcc=+15V
Icc=146.94
FREQ
SWR
SWR
GAIN
PHASE
DELAY
REV/ISO
MHZ
IN
OUT
DB
DEG
NSEC
DB
1
1.53
1.27
28.48
41.00
-52.80
5
1.10
1.44
28.47
7.00
-69.50
10
1.07
1.44
28.49
-1.00
-74.60
30
1.09
1.45
28.46
-15.00
1.70
-63.90
50
1.13
1.46
28.40
-26.00
1.50
-58.60
70
1.18
1.47
28.33
-37.00
1.50
-63.70
90
1.22
1.49
28.28
-48.00
1.50
-68.30
100
1.25
1.50
28.24
-53.00
1.50
-70.90
150
1.37
1.56
28.11
-80.00
1.50
-54.20
200
1.51
1.60
27.97
-107.00
1.50
-57.30
250
1.70
1.63
27.76
-136.00
1.60
-49.20
300
2.06
1.64
27.33
-168.00
1.80
-48.70
LINEAR S-PARAMETERS
Model: ARS169
Vcc=+15V
Icc=146.94
FREQ
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
1
0.21
-94.30
25.94
41.40
0.00
-148.00
0.12
-146.20
5
0.05
-95.30
25.92
6.70
0.00
-93.20
0.18
-174.90
10
0.03
-98.90
25.98
-0.80
0.00
77.20
0.18
-178.00
30
0.04
-105.40
25.87
-14.80
0.00
-55.70
0.18
178.90
50
0.06
-111.40
25.70
-26.10
0.00
-92.10
0.19
176.80
70
0.08
-116.30
25.51
-36.90
0.00
-50.40
0.19
174.90
90
0.10
-121.90
25.35
-47.60
0.00
-73.90
0.20
172.80
100
0.11
-125.50
25.24
-52.90
0.00
-167.30
0.20
171.90
150
0.16
-139.90
24.87
-79.60
0.00
119.30
0.22
164.50
200
0.20
-151.50
24.45
-107.10
0.00
123.00
0.23
155.50
250
0.26
-160.80
23.87
-136.10
0.00
96.00
0.24
148.50
300
0.35
-171.00
22.74
-167.80
0.00
66.70
0.24
145.00
Model: ARS169
Vcc=+12V
Icc=115.44
FREQ
SWR
SWR
GAIN
PHASE
DELAY
REV/ISO
MHZ
IN
OUT
DB
DEG
NSEC
DB
1
1.45
1.32
27.82
39.00
-55.40
5
1.09
1.43
28.15
6.00
-68.70
10
1.07
1.43
28.17
-1.00
-71.70
30
1.09
1.43
28.15
-15.00
1.70
-59.50
50
1.14
1.45
28.09
-26.00
1.60
-70.80
70
1.19
1.46
28.02
-37.00
1.50
-59.50
90
1.24
1.48
27.97
-48.00
1.50
-64.00
100
1.26
1.50
27.92
-54.00
1.50
-66.40
150
1.39
1.55
27.78
-81.00
1.50
-58.10
200
1.53
1.60
27.60
-109.00
1.60
-53.40
250
1.72
1.62
27.34
-138.00
1.60
-50.80
300
2.08
1.63
26.87
-170.00
1.80
-51.20
LINEAR S-PARAMETERS
Model: ARS169
Vcc=+12V
Icc=115.44
FREQ
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG.
1
0.18
-84.00
24.61
39.30
0.00
-142.60
0.14
-143.30
5
0.04
-86.30
25.55
6.20
0.00
-126.20
0.18
-173.30
10
0.03
-88.20
25.62
-1.00
0.00
79.10
0.18
-177.20
30
0.04
-99.60
25.55
-15.10
0.00
-45.10
0.18
179.30
50
0.06
-107.30
25.38
-26.50
0.00
28.20
0.18
177.10
60
0.08
-110.80
25.26
-32.00
0.00
-50.90
0.19
176.20
90
0.11
-121.00
25.02
-48.30
0.00
-127.30
0.20
172.40
100
0.12
-124.30
24.90
-53.60
0.00
150.90
0.20
171.30
150
0.16
-139.50
24.48
-80.60
0.00
120.30
0.22
163.40
200
0.21
-152.00
23.98
-108.50
0.00
111.80
0.23
153.70
250
0.27
-161.90
23.29
-137.80
0.00
89.10
0.24
145.40
300
0.35
-172.00
22.06
-169.70
0.00
60.40
0.24
142.30



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com