Electronic Components Datasheet Search
  English  ▼

X  

AS529 Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # AS529
Description  SMTO-8 CASCADABLE AS529 AMPLIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

AS529 Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  AS529 Datasheet HTML 1Page - Teledyne Technologies Incorporated AS529 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TYPICAL PERFORMANCE
TYPICAL AUTOMATIC TEST DATA
650-691-9800 • Fax: 650-962-6845 • Updates: www.teledynemicrowave.com • microwave@teledyne.com
AS529
FREQUENCY - MHz
30
50
100
200
300
400
500
600
700
30
50
100
200
300
400
500
600
700
30
50
100
200
300
400
500
600
700
30
50
100
200
300
400
500
600
700
Gain vs Temperature Vcc = 5
Noise Figure
K EY: + 25 ° C
+85 ° C
- 55 ° C
26.0
24.0
22.0
20.0
18.0
Power Output at 1 dB Compression
70
60
50
40
30
20
Intercept Point Vcc = 5
FREQUENCY - MHz
FREQUENCY - MHz
FREQUENCY - MHz
4.0
3 .0
2.0
1.0
0.0
31.0
3 0.0
29.0
28.0
27.0
26.0
2nd HAR
IP 3
IP 2
0
+8 V
+5 V
+8 V
+5 V
30
50
100
200
300
400
500
600
700
70
60
50
40
30
20
Intercept Point Vcc = 8
FREQUENCY - MHz
2nd HAR
IP 3
IP 2
Model: AS529
Vcc=+5V
Icc=185.77
FREQ
SWR
SWR
GAIN
PHASE
GROUP DELAY
REV/ISO
MHZ
IN
OUT
DB
DEG
NSEC
DB
30
1.81
1.44
27.81
64.0
-44.30
50
1.33
1.25
28.98
34.0
-46.40
100
1.11
1.13
29.53
2.0
1.30
-45.90
150
1.07
1.07
29.67
-15.0
0.91
-46.70
200
1.05
1.04
29.81
-29.0
0.80
-45.30
250
1.05
1.03
29.85
-42.0
0.73
-46.30
300
1.05
1.02
29.82
-54.0
0.68
-45.60
350
1.06
1.01
29.81
-66.0
0.66
-45.30
400
1.08
1.02
29.77
-78.0
0.66
-45.10
450
1.11
1.03
29.67
-90.0
0.66
-44.40
500
1.16
1.05
29.54
-102.0
0.66
-43.90
550
1.22
1.07
29.35
-114.0
0.65
-43.60
600
1.28
1.08
29.11
-125.0
0.65
-45.20
650
1.36
1.10
28.84
-137.0
0.64
-42.90
700
1.44
1.12
28.50
-148.0
0.64
-42.00
LINEAR S-PARAMETERS
Model: AS529
Vcc=+5V
Icc=185.77
FREQ.
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
30
0.29
110.40
24.59
64.10
0.01
50.50
0.18
158.30
50
0.14
77.20
28.13
33.60
0.01
21.20
0.11
124.90
100
0.05
42.50
29.96
1.60
0.01
6.80
0.06
80.90
150
0.03
22.70
30.43
-14.70
0.01
17.50
0.03
41.10
200
0.02
10.70
30.95
-29.10
0.01
0.30
0.02
14.40
250
0.02
8.70
31.07
-42.20
0.01
2.90
0.01
-12.40
300
0.02
12.60
30.99
-54.40
0.01
4.50
0.01
-44.20
350
0.03
18.70
30.93
-66.30
0.01
7.40
0.01
-103.40
400
0.04
24.60
30.79
-78.10
0.01
9.10
0.01
-159.70
450
0.05
22.60
30.45
-90.00
0.01
8.10
0.02
171.80
500
0.07
15.10
30.01
-101.90
0.01
-1.40
0.02
144.30
550
0.10
6.70
29.34
-113.60
0.01
-4.80
0.03
127.70
600
0.12
-3.10
28.55
-125.40
0.01
-3.90
0.04
111.60
650
0.15
-13.20
27.66
-137.00
0.01
-7.20
0.05
97.60
700
0.18
-23.10
26.62
-148.50
0.01
-7.00
0.05
82.50
Model: AS529
Vcc=+8V
Icc=200.43
FREQ
SWR
SWR
GAIN
PHASE
GROUP DELAY
REV/ISO
MHZ
IN
OUT
DB
DEG
NSEC
DB
30
1.71
1.40
28.41
64.0
-44.20
50
1.26
1.26
29.59
34.0
-45.20
100
1.08
1.22
30.15
2.0
1.30
-44.80
150
1.07
1.19
30.29
-14.0
0.90
-44.10
200
1.08
1.17
30.45
-29.0
0.80
-45.10
250
1.10
1.15
30.49
-42.0
0.73
-44.80
300
1.11
1.14
30.47
-54.0
0.68
-45.60
350
1.14
1.12
30.46
-66.0
0.66
-44.60
400
1.17
1.10
30.42
-78.0
0.66
-43.90
450
1.22
1.09
30.32
-90.0
0.66
-43.80
500
1.27
1.10
30.19
-102.0
0.66
-42.90
550
1.33
1.11
29.97
-114.0
0.66
-43.70
600
1.40
1.15
29.71
-125.0
0.66
-44.60
650
1.47
1.19
29.40
-137.0
0.64
-44.00
700
1.55
1.23
29.04
-149.0
0.64
-43.10
LINEAR S-PARAMETERS
Model: AS529
Vcc=+8V
Icc=200.43
FREQ.
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
30
0.26
114.00
26.34
64.20
0.01
44.00
0.17
146.50
50
0.12
88.00
30.15
33.70
0.01
16.50
0.12
99.90
100
0.04
92.50
32.17
1.90
0.01
8.80
0.10
48.80
150
0.03
103.60
32.71
-14.40
0.01
6.80
0.09
18.60
200
0.04
97.50
33.29
-28.80
0.01
-5.90
0.08
6.50
250
0.05
85.00
33.45
-41.90
0.01
-6.80
0.07
-2.20
300
0.05
70.00
33.38
-54.10
0.01
-1.50
0.06
-7.20
350
0.06
57.60
33.35
-65.90
0.01
-3.40
0.06
-8.10
400
0.08
45.60
33.20
-77.90
0.01
-4.60
0.05
-4.90
450
0.10
33.40
32.81
-89.90
0.01
-6.30
0.04
5.40
500
0.12
20.60
32.31
-101.80
0.01
-15.40
0.05
19.20
550
0.14
8.90
31.53
-113.60
0.01
-19.40
0.05
30.00
600
0.17
-3.00
30.57
-125.50
0.01
-23.70
0.07
33.90
650
0.19
-14.40
29.52
-137.10
0.01
-28.50
0.09
32.40
700
0.22
-24.90
28.33
-148.60
0.01
-23.30
0.10
28.10
750
0.24
-35.50
27.03
-159.90
0.01
-37.50
0.12
22.60
800
0.26
-45.60
25.67
-171.10
0.01
-35.80
0.15
15.10



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com