Electronic Components Datasheet Search
  English  ▼

X  

AS3093 Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # AS3093
Description  SMTO-8 CASCADABLE AMPLIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

AS3093 Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  AS3093 Datasheet HTML 1Page - Teledyne Technologies Incorporated AS3093 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TYPICAL PERFORMANCE
TYPICAL AUTOMATIC TEST DATA
650-691-9800 • Fax: 650-962-6845 • Updates: www.teledynemicrowave.com • microwave@teledyne.com
Model: AS3093
Vcc= +15V
Icc= 54.78
FREQ
SWR
SWR
GAIN
PHASE
DELAY
REV/ISO
MHZ
IN
OUT
DB
DEG
NSEC
DB
300
1.41
1.63
15.06
167.00
0.46
-20.80
400
1.28
1.48
15.15
154.00
0.36
-20.70
600
1.22
1.30
15.20
131.00
0.30
-20.50
800
1.26
1.18
15.18
111.00
0.28
-20.40
1000
1.34
1.07
15.15
91.00
0.27
-20.40
1200
1.42
1.03
15.09
71.00
0.28
-20.40
1400
1.48
1.12
15.02
51.00
0.27
-20.40
1600
1.53
1.21
14.93
32.00
0.27
-20.40
1800
1.54
1.29
14.84
13.00
0.27
-20.60
2000
1.53
1.34
14.81
-7.00
0.28
-20.50
2200
1.50
1.37
14.83
-27.00
0.29
-20.40
2400
1.45
1.34
14.83
-47.00
0.29
-20.50
2600
1.40
1.28
14.84
-68.00
0.30
-20.50
2800
1.35
1.19
14.90
-91.00
0.32
-20.30
3000
1.30
1.20
14.82
-115.00
0.33
-20.20
3200
1.31
1.39
14.75
-140.00
0.37
-20.40
LINEAR S-PARAMETERS
Model: AS3093
Vcc= +15V
Icc= 54.78
FREQ.
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
300
0.17
-70.60
5.66
166.90
0.09
-1.70
0.24
120.70
400
0.12
-66.10
5.72
153.80
0.09
-10.60
0.19
117.20
600
0.10
-48.60
5.76
131.30
0.09
-24.90
0.13
109.60
800
0.12
-41.10
5.74
110.60
0.10
-37.20
0.08
98.80
1000
0.14
-46.00
5.72
90.50
0.10
-50.10
0.03
82.90
1200
0.17
-57.30
5.68
70.70
0.10
-61.90
0.01
-84.60
1400
0.19
-70.40
5.64
51.30
0.10
-73.00
0.06
-106.40
1600
0.21
-85.50
5.58
31.90
0.10
-84.90
0.10
-121.50
1800
0.21
-102.50
5.52
12.60
0.09
-97.00
0.13
-136.20
2000
0.21
-120.10
5.50
-7.10
0.10
-108.30
0.15
-148.00
2200
0.20
-139.60
5.52
-27.10
0.10
-120.90
0.15
-160.10
2400
0.18
-161.50
5.51
-47.20
0.10
-131.50
0.15
-170.40
2600
0.17
173.30
5.52
-68.40
0.09
-144.20
0.12
-178.00
2800
0.15
140.70
5.56
-90.90
0.10
-156.40
0.09
-174.70
3000
0.13
107.10
5.51
-114.60
0.10
-170.40
0.09
-129.40
3200
0.13
69.80
5.46
-140.20
0.10
174.80
0.16
-112.60
Model: AS3094
Vcc= +15V
Icc= 108.44
FREQ
SWR
SWR
GAIN
PHASE
DELAY
REV/ISO
MHZ
IN
OUT
DB
DEG
NSEC
DB
300
1.33
1.70
14.92
167.00
0.45
-20.30
400
1.18
1.54
15.02
154.00
0.36
-20.20
600
1.09
1.35
15.11
132.00
0.30
-20.10
800
1.15
1.21
15.10
112.00
0.28
-20.00
1000
1.24
1.10
15.07
92.00
0.27
-20.10
1200
1.34
1.08
15.00
72.00
0.27
-20.10
1400
1.40
1.16
14.92
53.00
0.26
-20.20
1600
1.42
1.26
14.81
34.00
0.27
-20.30
1800
1.41
1.36
14.71
15.00
0.27
-20.50
2000
1.40
1.45
14.64
-5.00
0.28
-20.70
2200
1.37
1.53
14.64
-24.00
0.28
-20.70
2400
1.32
1.57
14.57
-43.00
0.27
-21.00
2600
1.24
1.59
14.58
-63.00
0.27
-21.20
2800
1.15
1.55
14.69
-83.00
0.28
-21.40
3000
1.09
1.44
14.71
-105.00
0.30
-21.30
3200
1.10
1.28
14.89
-129.00
0.35
-21.70
LINEAR S-PARAMETERS
Model: AS3094
Vcc= +15V
Icc= 108.44
FREQ.
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
300
0.14
-85.30
5.57
167.40
0.10
-2.50
0.26
121.10
400
0.08
-85.30
5.64
154.40
0.10
-11.70
0.21
116.20
600
0.04
-42.50
5.69
132.20
0.10
-27.00
0.15
106.20
800
0.07
-20.10
5.69
111.70
0.10
-40.70
0.10
89.50
1000
0.11
-28.40
5.67
91.70
0.10
-53.70
0.05
56.30
1200
0.14
-40.20
5.62
72.10
0.10
-66.80
0.04
-30.30
1400
0.17
-52.70
5.57
53.00
0.10
-79.40
0.07
-80.40
1600
0.17
-66.80
5.50
33.70
0.10
-91.80
0.11
-103.00
1800
0.17
-83.00
5.44
14.70
0.10
-104.40
0.15
-122.50
2000
0.17
-100.00
5.40
-4.60
0.09
-117.00
0.18
-138.20
2200
0.15
-115.90
5.39
-24.00
0.09
-129.60
0.21
-153.00
2400
0.14
-130.70
5.35
-43.00
0.09
-140.70
0.22
-168.00
2600
0.11
-147.90
5.36
-62.70
0.09
-153.50
0.23
177.90
2800
0.07
-175.70
5.43
-83.20
0.09
-165.20
0.22
162.50
3000
0.04
139.60
5.44
-105.10
0.09
-177.20
0.18
147.00
3200
0.05
79.40
5.55
-128.70
0.08
169.70
0.12
129.40
0.3
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.0
3.2
0.3
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.0
3.2
0.3
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.0
3.2
Gain vs Temperature AS3093
16.0
15.0
14.0
13.0
Gain vs Temperature AS3094
3.0
2.0
1.0
0.0
Noise Figure AS3093/AS3094 Vcc = 15 & 12
KEY: +25
°C
+85
°C
-55
°C
25.0
23.0
21.0
19.0
17.0
15.0
13.0
Power Output at 1 dB Compression
FREQUENCY - GHz
FREQUENCY - GHz
FREQUENCY - GHz
16.0
15.0
14.0
13.0
AS3093 - 1 5 V
AS3094 - 1 5 V
AS3093 - 1 2 V
AS3094 - 1 2 V
0.3
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.0
3.2
FREQUENCY - GHz
0.3
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.0
3.2
Intercept Point AS3094 Vcc = 15
FREQUENCY - GHz
80
70
60
50
40
30
2nd HAR
IP 3
IP 2
0.3
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.0
3.2
80
70
60
50
40
30
Intercept Point AS3093 Vcc = 15
FREQUENCY - GHz
2nd HAR
IP 2
IP 3
+15 V
+ 15 V
AS3093/AS3094



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com