Electronic Components Datasheet Search
  English  ▼

X  

AS6045 Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # AS6045
Description  SMTO-8 CASCADABLE AMPLIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

AS6045 Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  AS6045 Datasheet HTML 1Page - Teledyne Technologies Incorporated AS6045 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TYPICAL PERFORMANCE
TYPICAL AUTOMATIC TEST DATA
650-691-9800 • Fax: 650-962-6845 • Updates: www.teledynemicrowave.com • microwave@teledyne.com
0.01 0.1
0.5
1.0
2.0
3.0
4.0
5.0
6.0
6.2
0.01 0.1
0.5
1.0
2.0
3.0
4.0
5.0
6.0
6.2
0.01 0.1
0.5
1.0
2.0
3.0
4.0
5.0
6.0
6.2
0.01 0.1
0.5
1.0
2.0
3.0
4.0
5.0
6.0
6.2
0.01 0.1
0.5
1.0
2.0
3.0
4.0
5.0
6.0
6.2
Gain vs Temperature Vcc = 20
17.0
16.0
15.0
14.0
13.0
12.0
Noise Figure Vcc = 20 & 15
K EY: + 25
°C
+85
°C
- 55
°C
Power Output at 1 dB Compression
Intercept Point Vcc = 20
10.0
8.0
6.0
4.0
2.0
FREQUENCY - GHz
FREQUENCY - GHz
2nd HAR
IP 2
70
60
50
40
30
20
10
FREQUENCY - GHz
21.0
19.0
17.0
15.0
13.0
11.0
9.0
FREQUENCY - GHz
Intercept Point Vcc = 15
FREQUENCY - GHz
2nd HAR
IP 3
IP 2
60
50
40
30
20
10
+20 V
+15 V
IP 3
a
Model: AS6045
Vcc= +20V
Icc= 139.81
FREQ
SWR
SWR
GAIN
PHASE
DELAY
REV/ISO
MHZ
IN
OUT
DB
DEG
NSEC
DB
10
1.92
1.69
14.07
30
-34.2
50
1.47
1.32
14.66
-1
0.89
-34.2
100
1.44
1.31
14.53
-11
0.54
-34.0
500
1.36
1.33
13.79
-50
0.28
-33.5
1000
1.31
1.50
14.18
-103
0.29
-33.9
1200
1.25
1.56
14.36
-124
0.30
-34.0
1400
1.18
1.56
14.35
-146
0.30
-34.1
1600
1.13
1.57
14.30
-168
0.30
-33.9
1800
1.08
1.53
14.37
171
0.30
-33.9
2000
1.02
1.48
14.36
150
0.28
-34.1
2200
1.09
1.39
14.34
128
0.28
-33.7
2400
1.16
1.29
14.40
106
0.32
-34.2
2600
1.18
1.19
14.34
84
0.31
-34.3
2800
1.22
1.15
14.20
62
0.29
-34.4
3000
1.26
1.14
14.15
41
0.30
-34.7
3200
1.26
1.17
14.12
19
0.32
-35.6
3400
1.19
1.28
14.06
-2
0.28
-34.3
3600
1.16
1.32
13.86
-24
0.28
-35.1
3800
1.15
1.39
13.78
-46
0.30
-35.6
4000
1.10
1.36
13.65
-66
0.29
-36.2
4200
1.08
1.44
13.73
-88
0.32
-36.2
4400
1.12
1.44
13.83
-110
0.32
-35.0
4600
1.18
1.41
13.74
-132
0.29
-35.0
4800
1.17
1.39
13.71
-154
0.30
-36.1
5000
1.21
1.47
13.64
-177
0.30
-35.4
5200
1.34
1.54
13.64
160
0.35
-35.6
5400
1.40
1.60
13.98
136
0.35
-34.6
5600
1.39
1.60
13.88
111
0.35
-35.1
5800
1.43
1.74
13.49
84
0.38
-34.8
6000
1.51
1.72
13.29
59
0.36
-35.8
LINEAR S-PARAMETERS
Model: AS6045
Vcc= +20V
Icc= 139.81
FREQ.
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
10
0.31
-107.7
5.05
30.1
0.019
13.6
0.26
-104.2
50
0.19
-166.6
5.41
-1
0.02
1.5
0.14
-157.7
100
0.18
177.2
5.33
-11.5
0.02
-2.5
0.13
-172.0
500
0.15
148.4
4.89
-49.7
0.021
-33.1
0.14
174.6
1000
0.13
117.2
5.12
-102.6
0.02
-66.8
0.20
156.0
1200
0.11
106.1
5.23
-124.3
0.02
-77.4
0.22
144.8
1400
0.08
93.8
5.22
-146.2
0.02
-88.6
0.22
135.9
1600
0.06
76.7
5.19
-167.8
0.02
-100.4
0.22
127.2
1800
0.04
59.4
5.23
170.8
0.02
-113.5
0.21
117.3
2000
0.01
141.1
5.23
150.2
0.02
-132.2
0.19
109.6
2200
0.04
-143.7
5.21
128.2
0.021
-146.0
0.16
97.6
2400
0.07
-142.5
5.25
105.5
0.019
-161.9
0.13
83.6
2600
0.08
-160.9
5.21
83.9
0.019
-176.1
0.09
64.2
2800
0.10
177.4
5.13
62.4
0.019
169.2
0.07
34.4
3000
0.11
164.9
5.10
40.7
0.018
151.8
0.06
-26.4
3200
0.11
153.6
5.08
18.8
0.017
135.8
0.08
-48.5
3400
0.09
139.6
5.04
-2.1
0.019
116.9
0.12
-67.4
3600
0.07
110.7
4.93
-23.7
0.017
102.9
0.14
-79.9
3800
0.07
85.0
4.89
-45.7
0.017
89.8
0.16
-83.9
4000
0.05
60.6
4.82
-66.4
0.016
76.1
0.15
-91.6
4200
0.04
1.4
4.86
-88.4
0.016
54.7
0.18
-96.0
4400
0.06
-18.1
4.92
-109.8
0.018
40.1
0.18
-89.9
4600
0.08
-32.4
4.86
-131.7
0.018
27.0
0.17
-86.3
4800
0.08
-41.9
4.84
-154.4
0.016
12.2
0.16
-86.7
5000
0.10
-66.9
4.81
-176.9
0.017
-3.3
0.19
-80.2
5200
0.15
-79.9
4.81
159.7
0.017
-22.9
0.21
-72.1
5400
0.17
-82.1
5.00
136.2
0.019
-30.9
0.23
-69.6
5600
0.16
-97.7
4.94
111.1
0.017
-55.8
0.23
-69.3
5800
0.18
-115.1
4.73
84.4
0.018
-65.9
0.27
-79.2
6000
0.20
-133.8
4.62
58.6
0.016
-85.9
0.27
-89.5
AS6045



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com