Electronic Components Datasheet Search
  English  ▼

X  

AS6063 Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # AS6063
Description  SMTO-8 CASCADABLE AMPLIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

AS6063 Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  AS6063 Datasheet HTML 1Page - Teledyne Technologies Incorporated AS6063 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TYPICAL PERFORMANCE
TYPICAL AUTOMATIC TEST DATA
650-691-9800 • Fax: 650-962-6845 • Updates: www.teledynemicrowave.com • microwave@teledyne.com
1.0
2.0
2.5
3.0
4.0
4.5
5.0
5.5
6.0
6.2
1.5
2.0
2.5
3.0
4.0
4.5
5.0
5.5
6.0
6.2
Gain vs Temperature Vcc = 15
18.0
17.0
16.0
15.0
14.0
Noise Figure Vcc = 15 & 12
KEY: +25
°C
+ 85
°C
-55
°C
Power Output at 1 dB Compression
Intercept Point Vcc = 15
6.0
5.0
4.0
3.0
FREQUENCY - GHz
FREQUENCY - GHz
2nd HAR
IP 2
80
70
60
50
40
30
20
FREQUENCY - GHz
21.0
20.0
19.0
18.0
17.0
16.0
15.0
FREQUENCY - GHz
Intercept Point Vcc = 12
FREQUENCY - GHz
2nd HAR
IP 3
IP 2
80
70
60
50
40
30
20
+15 V
+12 V
IP 3
1.5
2.0
2.5
3.0
4.0
4.5
5.0
5.5
6.0
6.2
1.5
2.0
2.5
3.0
4.0
4.5
5.0
5.5
6.0
6.2
1.5
2.0
2.5
3.0
4.0
4.5
5.0
5.5
6.0
6.2
Model: AS6063
Vcc= +15V
Icc = 104.95
FREQ
SWR
SWR
GAIN
PHASE
DELAY
REV/ISO
MHZ
IN
OUT
DB
DEG
NSEC
DB
900
2.03
1.23
16.45
-43
0.57
-38.2
1000
1.92
1.17
16.61
-62
0.52
-38.5
1500
1.56
1.16
16.97
-142
0.42
-38.1
2000
1.40
1.15
17.08
147
0.39
-38.5
2500
1.34
1.19
16.82
80
0.36
-38.7
3000
1.36
1.26
16.49
16
0.35
-38.6
3200
1.35
1.31
16.50
-9
0.38
-38.9
3400
1.35
1.27
16.38
-34
0.35
-38.7
3600
1.38
1.31
16.23
-58
0.33
-39.6
3800
1.40
1.40
16.13
-83
0.34
-39.3
4000
1.45
1.33
16.29
-107
0.34
-37.6
4200
1.55
1.30
16.19
-132
0.33
-37.5
4400
1.66
1.35
16.29
-157
0.35
-36.5
4600
1.70
1.43
16.55
178
0.38
-36.4
4800
1.76
1.37
16.86
152
0.39
-35.8
5000
1.80
1.30
17.15
124
0.41
-35.0
5200
1.71
1.48
17.17
95
0.41
-34.2
5400
1.54
1.53
16.95
68
0.36
-33.6
5600
1.44
1.37
16.99
38
0.38
-33.1
5800
1.45
1.48
16.71
6
0.46
-32.6
6000
1.67
1.70
16.4
-23
0.39
-32.0
LINEAR S-PARAMETERS
Model: AS6063
Vcc=15V
Icc= 104.95
FREQ.
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
900
0.34
168.8
6.65
-43.4
0.012
-30.1
0.10
70.7
1000
0.31
158.5
6.77
-62.0
0.012
-39.2
0.08
71.0
1500
0.22
115.0
7.05
-142.1
0.012
-71.9
0.07
81.2
2000
0.17
91.6
7.14
147.1
0.012
-113.5
0.07
44.2
2500
0.14
60.1
6.93
80.2
0.012
-147.0
0.09
-9.2
2600
0.15
55.3
6.89
67.0
0.011
-154.9
0.09
-21.2
2800
0.16
43.7
6.80
42.0
0.011
-166.0
0.10
-52.8
3000
0.15
29.1
6.67
16.4
0.012
177.6
0.12
-72.6
3200
0.15
10.9
6.68
-9.3
0.011
165.6
0.13
-85.8
3400
0.15
-11.8
6.59
-33.7
0.012
145.6
0.12
-114.3
3600
0.16
-35.8
6.48
-57.9
0.010
134.4
0.14
-136.0
3800
0.17
-57.6
6.41
-82.6
0.011
126.2
0.17
-151.5
4000
0.18
-82.2
6.53
-106.6
0.013
110.0
0.14
-169.1
4200
0.22
-106.2
6.45
-131.6
0.013
95.1
0.13
168.8
4400
0.25
-122.9
6.53
-156.5
0.015
78.0
0.15
143.8
4600
0.26
-140.9
6.72
178.2
0.015
61.6
0.18
124.6
4800
0.28
-158.7
6.96
152.3
0.016
43.2
0.15
108.1
5000
0.28
-174.3
7.20
124.1
0.018
28.8
0.13
71.8
5200
0.26
172.6
7.22
94.9
0.019
8.3
0.19
39.2
5400
0.21
160.2
7.04
67.9
0.021
-5.9
0.21
21.3
5600
0.18
148.8
7.07
38.0
0.022
-25.9
0.15
-6.9
5800
0.18
154.9
6.84
6.3
0.023
-44.0
0.19
-75.8
6000
0.25
165.9
6.61
-23.4
0.025
-60.4
0.26
-104.1
Model: AS6063
Vcc= +12V
Icc = 94.35
FREQ
SWR
SWR
GAIN
PHASE
DELAY
REV/ISO
MHZ
IN
OUT
DB
DEG
NSEC
DB
900
2.00
1.21
16.29
-45
0.57
-38.8
1000
1.91
1.18
16.43
-64
0.52
-38.2
1500
1.58
1.25
16.74
-144
0.42
-38.2
2000
1.41
1.25
16.81
145
0.39
-38.8
2500
1.35
1.30
16.52
78
0.36
-38.4
2600
1.38
1.31
16.48
65
0.37
-38.2
2800
1.40
1.32
16.32
40
0.33
-38.9
3000
1.38
1.35
16.22
14
0.35
-39.0
3200
1.37
1.41
16.29
-12
0.39
-38.8
3400
1.37
1.35
16.18
-36
0.34
-38.4
3600
1.39
1.37
16.00
-61
0.32
-39.6
3800
1.41
1.43
15.90
-86
0.35
-38.5
4000
1.47
1.36
16.04
-111
0.35
-37.2
4200
1.55
1.32
15.91
-136
0.35
-37.4
4400
1.65
1.32
15.93
-162
0.36
-36.3
4600
1.70
1.37
16.06
173
0.38
-35.3
4800
1.75
1.31
16.23
147
0.38
-35.5
5000
1.78
1.18
16.38
119
0.39
-34.4
5200
1.73
1.27
16.35
91
0.40
-33.4
5400
1.61
1.30
16.11
63
0.37
-32.6
5600
1.56
1.18
16.09
34
0.39
-32.5
5800
1.62
1.29
15.95
5
0.43
-31.0
6000
1.85
1.59
15.86
-27
0.45
-30.5
AS6063



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com