Electronic Components Datasheet Search
  English  ▼

X  

CMM2306 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CMM2306
Description  Broadband Driver Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CMM2306 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CMM2306 Datasheet HTML 1Page - List of Unclassifed Manufacturers CMM2306 Datasheet HTML 2Page - List of Unclassifed Manufacturers CMM2306 Datasheet HTML 3Page - List of Unclassifed Manufacturers CMM2306 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CMM2306
Product Specifications - January 1996
(2 of 4)
Pin # Name
Description
1
+Vd
Drain voltage. Connect to positive supply.
2
GND
Ground.
3
RF IN
RF input (Internally DC blocked).
4
GND
Ground.
5
GND
Ground.
6
RF OUT
RF output (Internally DC blocked).
7
GND
Ground.
8
GND
Ground.
Vd 1
GND 2
RF IN 3
GND 4
8 GND
7 GND
6 RF OUT
5 GND
Connection Diagram and Pin Description
1
2
3
4
8
7
6
5
+5V
RF IN
0.01µF
RF OUT
Test Circuit Diagram
Typical Performance
The following typical performance parameters were tested in
the test circuit shown at room temperature and with a drain
voltage (+Vd) = 5 V, unless otherwise specified.
Frequency (MHz)
Gain vs Frequency vs Vd
10
14
18
22
26
30
500
1000
1500
2000
2500
3000
3V
4V
5V
6V
Frequency (MHz)
Gain vs Frequency vs Temperature @ 5V
17
20
23
26
29
32
-20°C
0°C
+25°C
+70°C
800 900
1500
1800 2000
2500
2400
Frequency (MHz)
Power Output (P-1) vs Frequency vs Temperature @ 5V
16
17
18
19
20
21
-20°C
0°C
+25°C
+70°C
800 900
1500
1800 2000
2500
2400
Frequency (MHz)
Power Output (P-1) vs Frequency vs V d @ 25°C
9
12
15
18
21
24
800 900
1500
1800 2000
2500
2400
3V
5V
6V
Supply Voltage (V d)
Gain vs Vd vs Temperature@ 1.8 GHz
20
22
24
26
28
30
3
4
5
6
-20°C
0°C
+25°C
+70°C
3236 Scott Boulevard, Santa Clara, California 95054
Phone: (408) 986-5060
Fax: (408) 986-5095



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com