Electronic Components Datasheet Search
  English  ▼

X  

MM54C20 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM54C20
Description  Quad 2-Input NAND Gate, Quad 2-Input NOR Gate, Hex Inverter, Triple 3-Input NAND Gate, Dual 4-Input NAND Gate
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM54C20 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  MM54C20 Datasheet HTML 1Page - National Semiconductor (TI) MM54C20 Datasheet HTML 2Page - National Semiconductor (TI) MM54C20 Datasheet HTML 3Page - National Semiconductor (TI) MM54C20 Datasheet HTML 4Page - National Semiconductor (TI) MM54C20 Datasheet HTML 5Page - National Semiconductor (TI) MM54C20 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AC Electrical Characteristics TA e 25 C CL e 50 pF unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
MM54C00MM74C00 MM54C02MM74C02 MM54C04MM74C04
tpd0 tpd1
Propagation Delay Time to
VCC e 50V
50
90
ns
Logical ‘‘1’’ or ‘‘0’’
VCC e 10V
30
60
ns
CIN
Input Capacitance
(Note 2)
60
pF
CPD
Power Dissipation Capacitance
(Note 3) Per Gate or Inverter
12
pF
MM54C10MM74C10
tpd0 tpd1
Propagation Delay Time to
VCC e 50V
60
100
ns
Logical ‘‘1’’ or ‘‘0’’
VCC e 10V
35
70
ns
CIN
Input Capacitance
(Note 2)
70
pF
CPD
Power Dissipation Capacitance
(Note 3) Per Gate
18
pF
MM54C20MM74C20
tpd0 tpd1
Propagation Delay Time to
VCC e 50V
70
115
ns
Logical ‘‘1’’ or ‘‘0’’
VCC e 10V
40
80
ns
CIN
Input Capacitance
(Note 2)
9
pF
CPD
Power Dissipation Capacitance
(Note 3) Per Gate
30
pF
AC Parameters are guaranteed by DC correlated testing
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed Except for ‘‘Operating Temperature Range’’
they are not meant to imply that the devices should be operated at these limits The table of ‘‘Electrical Characteristics’’ provides conditions for actual device
operation
Note 2
Capacitance is guaranteed by periodic testing
Note 3
CPD determines the no load AC power consumption of any CMOS device For complete explanation see 54C74C Family Characteristics Application
NoteAN-90
Typical Performance Characteristics
Gate Transfer Characteristics
Over Temperature vs VCC
Guaranteed Noise Margin
Power Dissipation vs Frequency
MM54C02MM74C02
MM54C00MM74C00
MM54C04MM74C04
TLF5877 – 6
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com