Electronic Components Datasheet Search
  English  ▼

X  

COP426C Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP426C
Description  Single-Chip 1k and 2k CMOS Microcontrollers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP426C Datasheet(HTML) 3 Page - National Semiconductor (TI)

  COP426C Datasheet HTML 1Page - National Semiconductor (TI) COP426C Datasheet HTML 2Page - National Semiconductor (TI) COP426C Datasheet HTML 3Page - National Semiconductor (TI) COP426C Datasheet HTML 4Page - National Semiconductor (TI) COP426C Datasheet HTML 5Page - National Semiconductor (TI) COP426C Datasheet HTML 6Page - National Semiconductor (TI) COP426C Datasheet HTML 7Page - National Semiconductor (TI) COP426C Datasheet HTML 8Page - National Semiconductor (TI) COP426C Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
COP324CCOP325CCOP326C and COP344CCOP345C
Absolute Maximum Ratings
Supply Voltage
6V
Voltage at any Pin
b
03V to VCC a 03V
Total Allowable Source Current
25 mA
Total Allowable Sink Current
25 mA
Operating Temperature Range
b
40 Cto a85 C
Storage Temperature Range
b
65 Cto a150 C
Lead Temperature
(soldering 10 seconds)
300 C
Note
Absolute maximum ratings indicate limits beyond
which damage to the device may occur DC and AC electri-
cal specifications are not ensured when operating the de-
vice at absolute maximum ratings
DC Electrical Characteristics b40 CsTAsa85 C unless otherwise specified
Parameter
Conditions
Min
Max
Units
Operating Voltage
30
55
V
Power Supply Ripple (Notes 4 5)
Peak to Peak
01 VCC
V
Supply Current
VCCe30V tce64 ms
180
m
A
(Note 1)
VCCe50V tce16 ms
800
m
A
VCCe50V tce4 ms
3600
m
A
(tc is instruction cycle time)
HALT Mode Current
VCCe50V FINe0 kHz
60
m
A
(Note 2)
VCCe30V FINe0 kHz
30
m
A
Input Voltage Levels
RESET CKI DO (clock input)
Logic High
09 VCC
V
Logic Low
01 VCC
V
All Other Inputs
Logic High
07 VCC
V
Logic Low
02 VCC
V
Input Pull-Up Current
VCCe45V VINe0
b
30
b
440
m
A
Hi-Z Input Leakage
b
2
a
2
m
A
Input Capacitance (Note 4)
7pF
Output Voltage Levels
Standard Outputs
LSTTL Operation
VCCe50V g10%
Logic High
IOHeb100 mA
27
V
Logic Low
IOLe400 mA
04
V
CMOS Operation
Logic High
IOHeb10 mAVCCb02
V
Logic Low
IOLe10 mA
02
V
Output Current Levels (except CKO)
Sink (Note 6)
VCCe45V VOUTeVCC
12
mA
VCCe30V VOUTeVCC
02
mA
Source (Standard Option)
VCCe45V VOUTe0V
b
05
mA
VCCe30V VOUTe0V
b
01
mA
Source (Low Current Option)
VCCe45V VOUTe0V
b
30
b
440
m
A
VCCe30V VOUTe0V
b
8
b
200
m
A
CKO Current Levels (As Clock Out)
Sink
d
4
03
mA
d
8VCCe45V CKIeVCC VOUTeVCC
06
mA
d
16
(
12
mA
Source
d
4
b
03
mA
d
8VCCe45V CKIe0V VOUTe0V
b
06
mA
d
16
(
b
12
mA
Allowable SinkSource Current per
5mA
Pin (Note 6)
Allowable Loading on CKO (as HALT)
100
pF
Current Needed to Over-Ride HALT
(Note 3)
To Continue
VCCe45V VINe02VCC
09
mA
To Halt
VCCe45V VINe07VCC
21
mA
TRI-STATE or Open Drain
Leakage Current
b
5
a
5
m
A
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com