Electronic Components Datasheet Search
  English  ▼

X  

COP444C Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP444C
Description  Single-Chip 1k and 2k CMOS Microcontrollers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP444C Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button COP444C Datasheet HTML 14Page - National Semiconductor (TI) COP444C Datasheet HTML 15Page - National Semiconductor (TI) COP444C Datasheet HTML 16Page - National Semiconductor (TI) COP444C Datasheet HTML 17Page - National Semiconductor (TI) COP444C Datasheet HTML 18Page - National Semiconductor (TI) COP444C Datasheet HTML 19Page - National Semiconductor (TI) COP444C Datasheet HTML 20Page - National Semiconductor (TI) COP444C Datasheet HTML 21Page - National Semiconductor (TI) COP444C Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
Power Dissipation (Continued)
If an IT instruction is executed the chip goes into the IDLE
mode until the timer overflows In IDLE mode the current
drain can be calculated from the following equation
IcieIQaVc40cFi
For example at 5 volts VCC and 400 kHz
Icie20a5c40c04e100 mA
The total average current will then be the weighted average
of the operating current and the idle current
Ita e ICO c
To
ToaTi
a
Ici c
Ti
ToaTi
where
Itaetotal average current
ICOeoperating current
Icieidle current
Toeoperating time
Tieidle time
IO OPTIONS
Outputs have the following optional configurations illustrat-
ed in
Figure 11
a Standard
A CMOS push-pull buffer with an N-channel
device to ground in conjunction with a P-channel device
to VCC compatible with CMOS and LSTTL
b Low Current
This is the same configuration as a
above except that the sourcing current is much less
c Open Drain
An N-channel device to ground only allow-
ing external pull-up as required by the user’s application
d Standard TRI-STATE L Output
A CMOS output buffer
similar to a which may be disabled by program control
e Low-Current TRI-STATE L Output
This is the same as
d above except that the sourcing current is much less
f Open-Drain TRI-STATE L Output
This has the N-chan-
nel device to ground only
All inputs have the following options
g Input with on chip load device to VCC
h Hi-Z input which must be driven by the users logic
When using either the G or L IO ports as inputs a pull-up
device is necessary This can be an external device or the
following alternative is available Select the low-current out-
put option Now by setting the output registers to a logic
‘‘1’’ level the P-channel devices will act as the pull-up load
Note that when using the L ports in this fashion the Q regis-
ters must be set to a logic ‘‘1’’ level and the L drivers MUST
BE ENABLED by an LEI instruction (see description above)
All output drivers use one or more of three common devices
numbered 1 to 3 Minimum and maximum current (IOUT and
VOUT) curves are given in Figure 12 for each of these de-
vices to allow the designer to effectively use these IO con-
figurations
a Standard Push-Pull Output
b Low Current Push-Pull Output
c Open-Drain Output
d Standard TRI-STATE ‘‘L’’ Output
e Low Current TRI-STATE
‘‘L’’ Output
f Open Drain TRI-STATE
‘‘L’’ Output
TLDD5259 – 14
g Input with Load
h Hi-Z Input
FIGURE 11 InputOutput Configurations
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com