Electronic Components Datasheet Search
  English  ▼

X  

DF20DB40 Datasheet(PDF) 1 Page - SanRex Corporation

Part # DF20DB40
Description  DIODE(THREE PHASES BRIDGE TYPE)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANREX [SanRex Corporation]
Direct Link  http://www.sanrex.com
Logo SANREX - SanRex Corporation

DF20DB40 Datasheet(HTML) 1 Page - SanRex Corporation

  DF20DB40 Datasheet HTML 1Page - SanRex Corporation DF20DB40 Datasheet HTML 2Page - SanRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
50 Seaview Blvd. Port Washington, NY 11050-4618 PH.(516)625-1313 FAX(516)625-8845 E-mail: semi@sanrex.com
DF20DB40/80
DIODE(THREE PHASES BRIDGE TYPE)
52.0
8.5
2-φ4.3×5.3
φ1.65
6.35
0.8
5-TAB250
R6
10.0 10.0
43.3
11.3
Unit
:a
■Maximum Ratings
(Tj=25℃ unless otherwise specified)
Symbol
Item
Ratings
DF20DB40
400
500
DF20DB80
800
900
Unit
VRRM
VRSM
Repetitive Peak Reverse Voltage
Non-Repetitive Peak Reverse Voltage
V
V
Symbol
Item
Output current (D.C.)
Conditions
Ratings
Unit
A
ID
Three phase. full wave. TC
=97℃
20
IFSM
Surge Forward Current
1 cycle, 50/60HZ, peak value, non-repetitive
320/350
A
Tj
Junction Temperature
−40 to +150
℃
Tstg
Storage Temperature
−40 to +125
℃
VISO
Isolation Breakdown Voltage
(R.M.S.)
Main Terminal to case 1minute
2000
V
Mounting Torque
(M4)
Mass
Recommended Value 1.0
-1.4(10-14)
1.5
(15)
N
・m
(㎏f・B)
g
Typical Value
32
■Electrical Characteristics
Symbol
IRRM
Item
Repetitive Peak Reverse Current, max.
Conditions
Tj
=150℃ at VRRM
Ratings
1.5
1.1
1.2
Unit
mA
VFM
Forward Voltage Drop, max.
IFM
=20A, Tj=25℃ Inst. measurement
V
Rth
(j-c) Thermal Impedance, max.
Junction to case
℃/W
+
_
∼
∼
∼
Power Diode Module DF20DB is designed for three phase full wave rectification, which
has six diodes connected in a three phase bridge configuration. The mounting base of the
module is electrically isolated from semiconductor elements for simple heatsink
construction output DC current is 20Amp (Tc=97
℃) Repetitive peak reverse voltage is up
to 800V.
●
TjMax=150
℃
●
Isolated Mounting Base
●
High reliability by unique glass passivation
●
Easy Assemble by the #250 terminal Tab
(Applications)
AC. DC Moter Drive/AVR/Switching
―for three phase rectification
SanRex
®


Similar Part No. - DF20DB40

ManufacturerPart #DatasheetDescription
logo
MMD Components
DF20DB1 MMD-DF20DB1 Datasheet
85Kb / 1P
HC-49/US Surface Mounted Crystal
DF20DB3 MMD-DF20DB3 Datasheet
85Kb / 1P
HC-49/US Surface Mounted Crystal
More results

Similar Description - DF20DB40

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
DF100LA SANREX-DF100LA Datasheet
100Kb / 2P
DIODE(THREE PHASES BRIDGE TYPE)
DF20AA120 SANREX-DF20AA120 Datasheet
266Kb / 2P
DIODE(THREE PHASES BRIDGE TYPE)
DF100AA120 SANREX-DF100AA120 Datasheet
268Kb / 2P
DIODE(THREE PHASES BRIDGE TYPE)
DF50AA120 SANREX-DF50AA120 Datasheet
236Kb / 2P
DIODE (THREE PHASES BRIDGE TYPE)
DF75BA40 SANREX-DF75BA40 Datasheet
113Kb / 2P
DIODE(THREE PHASES BRIDGE TYPE)
DF75LA80 SANREX-DF75LA80 Datasheet
100Kb / 2P
DIODE(THREE PHASES BRIDGE TYPE)
DF50BA40 SANREX-DF50BA40 Datasheet
96Kb / 2P
DIODE(THREE PHASES BRIDGE TYPE)
DF100LA80 SANREX-DF100LA80 Datasheet
103Kb / 2P
DIODE(THREE PHASES BRIDGE TYPE)
DF150AA120 SANREX-DF150AA120 Datasheet
96Kb / 2P
DIODE(THREE PHASES BRIDGE TYPE)
DF200AA120 SANREX-DF200AA120 Datasheet
96Kb / 2P
DIODE(THREE PHASES BRIDGE TYPE)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com