Electronic Components Datasheet Search
  English  ▼

X  

EVAL5987A Datasheet(PDF) 1 Page - STMicroelectronics

Part # EVAL5987A
Description  3 A step-down switching regulator demonstration board based on the L5987, L5987A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVAL5987A Datasheet(HTML) 1 Page - STMicroelectronics

  EVAL5987A Datasheet HTML 1Page - STMicroelectronics EVAL5987A Datasheet HTML 2Page - STMicroelectronics EVAL5987A Datasheet HTML 3Page - STMicroelectronics EVAL5987A Datasheet HTML 4Page - STMicroelectronics EVAL5987A Datasheet HTML 5Page - STMicroelectronics EVAL5987A Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
November 2009
Doc ID 16613 Rev 1
1/6
6
EVAL5987
EVAL5987A
3 A step-down switching regulator demonstration board
based on the L5987, L5987A
Features
■ 3 A DC output current
■ 2.9 V to 18 V input voltage
■ Output voltage adjustable from 0.6 V to 16 V
■ 250 kHz switching frequency, programmable
up to 1 MHz
■ Internal soft-start and inhibit
■ Low dropout operation: 100% duty cycle
■ Zero-load current operation
■ Overcurrent and thermal protection
■ VFQFPN8 3 mm x 3 mm package or HSOP8
for the L5987A
Description
The EVAL5987/A demonstration board provides
the design engineer with a fully functional step-
down switching regulator with an output current of
up to 3 A. The board integrates
STMicroelectronics’ L5987/A step-down switching
regulator, together with all the external
components required for a typical application.
The rated voltage of the input capacitor and the
Schottky diode rectifier repetitive peak reverse
voltage are both 25 V, making the board capable
of covering the entire 2.9 V - 18 V input voltage
range of the L5987/A device.
The board features an external resistor divider
(R1 and R2) designed for an output voltage
of 1.8 V.
The output voltage can be set to a level from 0.6 V
up to the input voltage.
The compensation network on the demonstration
board allows the use of MLCC as output filter to
keep the loop stable. The inductor saturation
current and forward current of the Schottky diode
are within the current limit values.
The switching frequency on the demonstration
board is set to 500 kHz by means of the R5
resistor connected to pin Fsw.
www.st.com


Similar Part No. - EVAL5987A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVAL5987A STMICROELECTRONICS-EVAL5987A Datasheet
286Kb / 6P
3 A step-down switching regulator demonstration board based on the L5987, L5987A
04-Nov-2009
More results

Similar Description - EVAL5987A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVAL5985 STMICROELECTRONICS-EVAL5985 Datasheet
190Kb / 6P
2 A step-down switching regulator demonstration board based on the L5985
19-Jan-2009
EVAL5986 STMICROELECTRONICS-EVAL5986 Datasheet
289Kb / 6P
2.5 A step-down switching regulator demonstration board based on the L5986, L5986A
29-Oct-2009
EVAL5987A STMICROELECTRONICS-EVAL5987A Datasheet
286Kb / 6P
3 A step-down switching regulator demonstration board based on the L5987, L5987A
04-Nov-2009
STEVAL-ISA092V1 STMICROELECTRONICS-STEVAL-ISA092V1 Datasheet
95Kb / 4P
2 A step-down switching demonstration board based on the L7980
21-Dec-2011
STEVAL-ISA100V1 STMICROELECTRONICS-STEVAL-ISA100V1 Datasheet
302Kb / 4P
3 A step-down switching demonstration board based on the L7986A in HSOP8 package
27-Apr-2012
EVAL5980 STMICROELECTRONICS-EVAL5980 Datasheet
287Kb / 6P
0.7 A step-down switching regulator demonstration board based on the L5980
02-Mar-2009
EVAL5981 STMICROELECTRONICS-EVAL5981 Datasheet
209Kb / 6P
1 A step-down switching regulator demonstration board based on the L5981
02-Mar-2009
EVAL5983 STMICROELECTRONICS-EVAL5983 Datasheet
251Kb / 6P
1.5 A step-down switching regulator demonstration board based on the L5983
02-Mar-2009
STEVAL-ISA099V1 STMICROELECTRONICS-STEVAL-ISA099V1 Datasheet
296Kb / 4P
3 A step-down switching demonstration board based on the L7986 in DFN10 package
27-Apr-2012
STEVAL-ISA201V1 STMICROELECTRONICS-STEVAL-ISA201V1 Datasheet
275Kb / 4P
3 A step-down switching regulator evaluation board based on the L5987
15-Mar-2017
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com