Electronic Components Datasheet Search
  English  ▼

X  

EVAL6732 Datasheet(PDF) 1 Page - STMicroelectronics

Part # EVAL6732
Description  L6732 20A demoboard realizes in a four layer PCB a step-down DC/DC converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVAL6732 Datasheet(HTML) 1 Page - STMicroelectronics

  EVAL6732 Datasheet HTML 1Page - STMicroelectronics EVAL6732 Datasheet HTML 2Page - STMicroelectronics EVAL6732 Datasheet HTML 3Page - STMicroelectronics EVAL6732 Datasheet HTML 4Page - STMicroelectronics EVAL6732 Datasheet HTML 5Page - STMicroelectronics EVAL6732 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Data Brief
January 2007
Rev 1
1/6
For further information contact your local STMicroelectronics sales office.
EVAL6732
L6732: 20A Demoboard
General description
L6732 20A demoboard realizes in a four layer PCB a step-down DC/DC converter and
shows the operation of the device in a general purpose application. The input voltage can
range from 4.5 V to 14 V and the output voltage is at 3.3 V. The module can deliver an
output current in excess of 20 A. The switching frequency is set at 250 KHz (controller free-
running FBSWB) but it can be set to 500 KHz acting on the EAREF pin.
Demoboard picture
www.st.com


Similar Part No. - EVAL6732

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVAL6730 STMICROELECTRONICS-EVAL6730 Datasheet
422Kb / 9P
L6730 demoboard realizes in a four layer PCB a step-down DC/DC converter and shows
03-Jan-2007
More results

Similar Description - EVAL6732

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54900 TI-TPS54900 Datasheet
251Kb / 16P
PROGRAMMABLE FOUR-CHANNEL STEP-DOWN DC/DC CONVERTER
logo
Allegro MicroSystems
SPI-8010A ALLEGRO-SPI-8010A Datasheet
244Kb / 9P
3 A, DC/DC Step-Down Converter
SPI-8001TW ALLEGRO-SPI-8001TW Datasheet
427Kb / 10P
Dual 1.5 A, DC/DC Step-Down Converter
SPI-8002TW ALLEGRO-SPI-8002TW Datasheet
444Kb / 10P
Dual 1.5 A, DC/DC Step-Down Converter
logo
Texas Instruments
LP8758-B0 TI-LP8758-B0_15 Datasheet
1Mb / 55P
LP8758-B0 Four-Phase DC-DC Step-Down Converter
LP8758-E0 TI1-LP8758-E0_16 Datasheet
1Mb / 61P
Four-Output Synchronous Step-Down DC-DC Converter
LP8758-B0 TI1-LP8758-B0 Datasheet
1Mb / 56P
LP8758-B0 Four-Phase DC-DC Step-Down Converter
TPS54900 TI1-TPS54900_14 Datasheet
280Kb / 17P
PROGRAMMABLE FOUR-CHANNEL STEP-DOWN DC/DC CONVERTER
logo
STMicroelectronics
EVAL6725 STMICROELECTRONICS-EVAL6725 Datasheet
170Kb / 5P
L6725 demoboard realizes in a four layer PCB a step-down DC/DC converter and shows
03-Jan-2007
EVAL6730 STMICROELECTRONICS-EVAL6730 Datasheet
422Kb / 9P
L6730 demoboard realizes in a four layer PCB a step-down DC/DC converter and shows
03-Jan-2007
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com