Electronic Components Datasheet Search
  English  ▼

X  

EVAL-L9301 Datasheet(PDF) 1 Page - STMicroelectronics

Part # EVAL-L9301
Description  Logic inputs TTLcompatible
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVAL-L9301 Datasheet(HTML) 1 Page - STMicroelectronics

  EVAL-L9301 Datasheet HTML 1Page - STMicroelectronics EVAL-L9301 Datasheet HTML 2Page - STMicroelectronics EVAL-L9301 Datasheet HTML 3Page - STMicroelectronics EVAL-L9301 Datasheet HTML 4Page - STMicroelectronics EVAL-L9301 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This is information on a product in full production. For further information contact your local STMicroelectronics sales
office.
July 2016
DocID029478 Rev 1
1/5
EVAL-L9301
EVAL-L9301 Demo board
Data brief
Features
 Operating battery supply voltage: 5V - 18V
 Operating Vdd supply voltage: 4.75V - 5.25V
 Logic inputs TTLcompatible
 SPI interface for outputs control and for
diagnosis data communication
 Power MOS:
 8 Low side On-off driver
 4 High side + 4 Low side on-off driver
 4 configurable output configurations
 Access to all relevant pins by test points and
jumper.
 Input signal connector compatible with
SPC560P-DISP discovery board
 Possibility to connect a generic microcontroller
boards by using a simple adapter.
 ISO PULSE circuit protection
 Reset button or Reset uC
Description
The EVAL-L9301 is an Evaluation Board
designed to evaluate L9301, a smart power
device mainly for ABS valves applications.
L9301 is able to drive electronic on-off valves with
or without external freewheeling diode.
The OUT1-8 can be driven by parallel input in
PWM mode or SPI command. Through the SPI it
is possible to configure the device parameters like
configuration, Slew-rate, Overcurrent threshold,
to send the drivers EVAL-L9301 commands and
to read back the diagnosis results.
The device is protected against over temperature,
open load, short to GND and short to Vbattery
condition. The overcurrent diagnostics can be set
in latched or unlatched mode for each channel.
This kit includes L9301 Demo Board; Firmware
for SPC560P-DISP; Graphical User Interface
developed in LabView environment
Documentation, Demo board and GUI user
manual.
Table 1. Device summary
Order code
Reference
EVAL-L9301
EVAL-L9301 Evaluation board
www.st.com


Similar Part No. - EVAL-L9301

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVAL-L9026-YO STMICROELECTRONICS-EVAL-L9026-YO Datasheet
3Mb / 10P
L9026 configurable multi-channel driver evaluation board
Rev 1 - August 2020
EVAL-L9177A STMICROELECTRONICS-EVAL-L9177A Datasheet
141Kb / 4P
EVAL-L9177A Evaluation Board
22-May-2019
EVAL-L9907 STMICROELECTRONICS-EVAL-L9907 Datasheet
9Mb / 5P
EVAL-L9907 Evaluation Board
April 2019
EVAL-L9963-MCU STMICROELECTRONICS-EVAL-L9963-MCU Datasheet
4Mb / 13P
L9963 BMS IC Evaluation Board
Rev 1 - March 2020
EVAL-L9963-NDS STMICROELECTRONICS-EVAL-L9963-NDS Datasheet
2Mb / 12P
L9963 single Node in a Distributed BMS System
Rev 1 - April 2020
More results

Similar Description - EVAL-L9301

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHCT50A ONSEMI-MC74VHCT50A Datasheet
76Kb / 8P
Noninverting Buffer / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
July, 2001??Rev. 3
logo
E-Tech Electronics LTD
MC74VHC1GT50 ETL-MC74VHC1GT50 Datasheet
575Kb / 4P
Noninverting Buffer / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
logo
ON Semiconductor
MC74VHC1GT14 ONSEMI-MC74VHC1GT14_07 Datasheet
79Kb / 6P
Schmitt?뭈rigger Inverter / CMOS Logic Level Shifter LSTTL?묬ompatible Inputs
February, 2007 ??Rev. 12
MC74VHC1GT50 ONSEMI-MC74VHC1GT50_07 Datasheet
77Kb / 6P
Noninverting Buffer / CMOS Logic Level Shifter TTL?묬ompatible Inputs
February, 2007 ??Rev. 13
MC74VHC1GT126 ONSEMI-MC74VHC1GT126_07 Datasheet
87Kb / 6P
Noninverting Buffer / CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
February, 2007 ??Rev. 13
logo
Leshan Radio Company
L74VHC1GT04 LRC-L74VHC1GT04 Datasheet
372Kb / 6P
Inverting Buffer / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
logo
ON Semiconductor
MC74VHC1GT126 ONSEMI-MC74VHC1GT126_09 Datasheet
134Kb / 6P
Noninverting Buffer / CMOS Logic Level Shifter with LSTTL.Compatible Inputs
May, 2012 ??Rev. 15
logo
Renesas Technology Corp
HD74LV2GT14A RENESAS-HD74LV2GT14A_15 Datasheet
110Kb / 12P
Triple Inverters with Schmitt-trigger Inputs /CMOS Logic Level Shifter
logo
IXYS Corporation
CPC7594 IXYS-CPC7594 Datasheet
266Kb / 20P
TTL Logic Level Inputs for 3.3V Logic Interfaces
logo
ON Semiconductor
MC74VHCT50A ONSEMI-MC74VHCT50A_V01 Datasheet
245Kb / 8P
Noninverting Buffer / CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
March, 2014 ??Rev. 9
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com