Electronic Components Datasheet Search
  English  ▼

X  

EVL185W-LEDTV Datasheet(PDF) 1 Page - STMicroelectronics

Part # EVL185W-LEDTV
Description  RoHS compliant
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVL185W-LEDTV Datasheet(HTML) 1 Page - STMicroelectronics

  EVL185W-LEDTV Datasheet HTML 1Page - STMicroelectronics EVL185W-LEDTV Datasheet HTML 2Page - STMicroelectronics EVL185W-LEDTV Datasheet HTML 3Page - STMicroelectronics EVL185W-LEDTV Datasheet HTML 4Page - STMicroelectronics EVL185W-LEDTV Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
April 2011
Doc ID 018695 Rev 1
1/5
5
EVL185W-LEDTV
185 W power supply with PFC and standby supply for LED TV
based on the L6564, L6599A and Viper27L
Features
■ Universal input mains range: 90
÷264 Vac -
frequency 45
÷65 Hz
■ Output voltage 1: 130 V ±8 % at 620 mA for
backlight
■ Output voltage 2: 24 V ±8 % at 2 A for audio
supply
■ Output voltage 3: 12 V ±1 % at 4 A for panel
supply
■ Output voltage 4: 5 V ±2 % at 2 A for
microprocessor supply
■ Mains harmonics: acc. to EN61000-3-2 Class-
D or JEITA-MITI Class-D
■ Standby mains consumption: <170 mW at 230
Vac with 50 mW load
■ Overall efficiency at full load: >90%
■ EMI: according to EN55022-Class-B
■ Safety: according to EN60065
■ Dimensions: 115x204 mm, 25 mm maximum
component height from PCB
■ PCB: single side, 70 µm, CEM-1, mixed
PTH/SMT introduction
■ RoHS compliant
Description
The EVL185W-LEDTV is a high-end
demonstration board tailored to the specifications
of a typical LED TV application. The peculiarities
of this design are the very high average efficiency
of about 90%, without synchronous rectification,
and very low no load consumption of 100 mW at
230 Vac. The result is that this converter is
compliant to the most demanding ENERGY
STAR® eligibility criteria. The architecture is made
up of two sections, based on a three-stage
approach: a 10 W standby supply using the new
VIPer27L, which delivers the 5 V standby
dedicated to supplying the microprocessor and
the logic circuitry, and a bigger section composed
of a front-end PFC, using the new TM L6564 and
an LLC resonant converter, using the L6599A,
delivering three output voltages: 12 V dedicated
to supplying the TV panel, 24 V to supplying the
audio power amplifiers, and 130 V dedicated to
the backlight.
The PFC stage delivers 400 V constant voltage
and acts as the pre-regulator for both the LLC
stage and the standby supply.
An external signal, referred to secondary ground,
turns the PFC and the LLC stage on and off.
www.st.com


Similar Part No. - EVL185W-LEDTV

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVL1HMC1114LP5D AD-EVL1HMC1114LP5D Datasheet
483Kb / 16P
High output IP3: 44 dBm typical
Rev. 0
More results

Similar Description - EVL185W-LEDTV

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
RoHs Compliant
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
RoHs Compliant
logo
Littelfuse
L4008D6RP LITTELFUSE-L4008D6RP Datasheet
176Kb / 8P
RoHS Compliant
logo
Everlight Electronics C...
15-21-Y2SC-A0S1T1B25E EVERLIGHT-15-21-Y2SC-A0S1T1B25E Datasheet
351Kb / 14P
RoHS compliant
19-213-Y2SC-9AS1T1B0E-3T EVERLIGHT-19-213-Y2SC-9AS1T1B0E-3T Datasheet
438Kb / 11P
RoHS compliant
Sep .2.2013
logo
Pulse A Technitrol Comp...
HX1198FNLT PULSE-HX1198FNLT Datasheet
454Kb / 4P
ROHS COMPLIANT
23Z105SMFNL PULSE-23Z105SMFNL Datasheet
360Kb / 3P
ROHS COMPLIANT
E2081FNL PULSE-E2081FNL Datasheet
444Kb / 3P
ROHS COMPLIANT
E2457FNL PULSE-E2457FNL Datasheet
437Kb / 3P
ROHS COMPLIANT
EX2024FNL PULSE-EX2024FNL Datasheet
361Kb / 3P
ROHS COMPLIANT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com