Electronic Components Datasheet Search
  English  ▼

X  

DS7640 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS7640
Description  Quad NOR Unified Bus Receiver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS7640 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS7640 Datasheet HTML 1Page - National Semiconductor (TI) DS7640 Datasheet HTML 2Page - National Semiconductor (TI) DS7640 Datasheet HTML 3Page - National Semiconductor (TI) DS7640 Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TLF5805
February 1996
DS7640DS8640 Quad NOR Unified Bus Receiver
General Description
The DS7640 and DS8640 are quad 2-input receivers de-
signed for use in bus organized data transmission systems
interconnected by terminated 120X impedance lines The
external termination is intended to be 180X resistor from
the bus to the a5V logic supply together with a 390X resis-
tor from the bus to ground The design employs a built-in
input threshold providing substantial noise immunity Low
input current allows up to 27 driverreceiver pairs to utilize a
common bus
Features
Y
Low input current with normal VCC or VCC e 0V
(30 mA typ)
Y
High noise immunity (11V typ)
Y
Temperature-insensitive input thresholds track bus logic
levels
Y
TTL compatible output
Y
Matched optimized noise immunity for ‘‘1’’ and ‘‘0’’
levels
Y
High speed (19 ns typ)
Connection Diagram
Dual-In-Line Package
TLF5805 – 1
Top View
Order Number DS7640J or DS8640N
See NS Package Number J14A or N14A
Typical Application
120X Unified Data Bus
TLF5805 – 2
C1996 National Semiconductor Corporation
RRD-B30M36Printed in U S A
http
www nationalcom


Similar Part No. - DS7640

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DS76410D100BG RENESAS-DS76410D100BG Datasheet
4Mb / 1040P
Renesas 32-Bit RISC Microcomputer SuperH??RISC engine Family / SH7641 Series
DS76410D100BGV RENESAS-DS76410D100BGV Datasheet
4Mb / 1040P
Renesas 32-Bit RISC Microcomputer SuperH??RISC engine Family / SH7641 Series
More results

Similar Description - DS7640

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS7837 NSC-DS7837 Datasheet
107Kb / 4P
Hex Unified Bus Receiver
DS8641 NSC-DS8641 Datasheet
78Kb / 5P
Quad Unified Bus Transceiver
DS8838 NSC-DS8838 Datasheet
82Kb / 5P
Quad Unified Bus Transceiver
logo
ON Semiconductor
MC10H334 ONSEMI-MC10H334 Datasheet
105Kb / 4P
Quad Bus Driver/Receiver with Transmit and Receiver Latches
1996 REV 5
logo
National Semiconductor ...
DM8131 NSC-DM8131 Datasheet
152Kb / 3P
6-Bit Unified Bus Comparator
logo
List of Unclassifed Man...
9015 ETC1-9015 Datasheet
103Kb / 2P
QUAD NOR GATE
logo
Advanced Micro Devices
AM8T28 AMD-AM8T28 Datasheet
292Kb / 5P
Schottky Three-State Quad Bus Driver/Receiver
logo
National Semiconductor ...
DS7836 NSC-DS7836 Datasheet
108Kb / 4P
Quad NOR Unified Bus Receiver
logo
ON Semiconductor
MC10H334 ONSEMI-MC10H334_06 Datasheet
135Kb / 5P
Quad Bus Driver/Receiver with Transmit and Receiver Latches
February, 2006 ??Rev. 7
logo
Motorola, Inc
MC10129 MOTOROLA-MC10129 Datasheet
113Kb / 7P
Quad Bus Receiver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com