Electronic Components Datasheet Search
  English  ▼

X  

EV-VN7140AS Datasheet(PDF) 1 Page - STMicroelectronics

Part # EV-VN7140AS
Description  OFF-state open-load detection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EV-VN7140AS Datasheet(HTML) 1 Page - STMicroelectronics

  EV-VN7140AS Datasheet HTML 1Page - STMicroelectronics EV-VN7140AS Datasheet HTML 2Page - STMicroelectronics EV-VN7140AS Datasheet HTML 3Page - STMicroelectronics EV-VN7140AS Datasheet HTML 4Page - STMicroelectronics EV-VN7140AS Datasheet HTML 5Page - STMicroelectronics EV-VN7140AS Datasheet HTML 6Page - STMicroelectronics EV-VN7140AS Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
July 2014
DocID026151 Rev 2
1/7
www.st.com
EV-VN7140AS
VN7140AS evaluation board
Data brief
Features
Max transient supply voltage
VCC
40 V
Operating voltage range
VCC
4 to 28 V
Typ. on-state resistance (per Ch)
RON
140 mΩ
Current limitation (typ)
ILIMH
12 A
Stand-by current (max)
ISTBY
0.5 µA
Simple single IC application board dedicated
for VN7140AS-E
Provides electrical connectivity and thermal
heat-sinking for easy prototyping
General device features
Single channel smart high side driver
with analog feedback
Very low standby current
Compatible with 3 V and 5 V CMOS
outputs
Diagnostic functions
Dedicated high precision proportional
load current sense
Overload and short to ground (power
limitation) indication
Thermal shutdown indication
OFF-state open-load detection
Output short to VCC detection
Sense enable/disable
Protections
Undervoltage shutdown
Overvoltage clamp
Load current limitation
Self limiting of fast thermal transients
Loss of ground and loss of VCC
Reverse battery with external
components
Electrostatic discharge protection
Applications
Typical applications are all types of automotive
resistive, inductive and capacitive loads.
Description
This board provides you an easy way to connect
STMicroelectronics
® VIPower® M0-7 technology
into your existing system.
Table 1: Device summary
Order code
Reference
EV-VN7140AS
VN7140AS evaluation board


Similar Part No. - EV-VN7140AS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EV-VN7140AJ STMICROELECTRONICS-EV-VN7140AJ Datasheet
436Kb / 7P
Thermal shutdown indication
21-Jul-2014
More results

Similar Description - EV-VN7140AS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4431-1 AD-ADA4431-1 Datasheet
456Kb / 12P
Ultralow Power SD Video Filter with Load Detection
REV. 0
logo
Fairchild Semiconductor
FAN3989 FAIRCHILD-FAN3989 Datasheet
1Mb / 10P
USB/Charger Detection Device with Load Switch
logo
ON Semiconductor
NCS2584 ONSEMI-NCS2584 Datasheet
268Kb / 17P
Four-Channel Video Driver with Load Detection and Signal Detection
August, 2012 ??Rev. 0
logo
Analog Devices
ADA4431-1 AD-ADA4431-1_15 Datasheet
457Kb / 12P
Ultralow Power SD Video Filter with Load Detection
REV. 0
logo
Silicon Touch Technolog...
DD313-4 SITI-DD313-4 Datasheet
564Kb / 15P
LED open circuit detection
logo
STMicroelectronics
EV-VN7050AJ STMICROELECTRONICS-EV-VN7050AJ Datasheet
436Kb / 7P
OFF-state open-load detection
21-Jul-2014
EV-VND7030AJ STMICROELECTRONICS-EV-VND7030AJ Datasheet
438Kb / 7P
OFF-state open-load detection
21-Jul-2014
logo
Willow Technologies Ltd
C63-10 WILLOW-C63-10 Datasheet
179Kb / 3P
Low off-state leakage
logo
PHOENIX CONTACT
ST-OV4-24DC PHOENIX-ST-OV4-24DC Datasheet
126Kb / 7P
Reliable detection and indication of an open circuit on the load side
logo
ON Semiconductor
FAN3989 ONSEMI-FAN3989 Datasheet
629Kb / 14P
USB/Charger Detection Device with Load Switch
February 2011 Rev. 1.0.8
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com