Electronic Components Datasheet Search
  English  ▼

X  

DAQ6103 Datasheet(PDF) 1 Page - Teledyne Technologies Incorporated

Part # DAQ6103
Description  0.1 TO 6.0 GHz ANALOG DETECTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

DAQ6103 Datasheet(HTML) 1 Page - Teledyne Technologies Incorporated

  DAQ6103 Datasheet HTML 1Page - Teledyne Technologies Incorporated DAQ6103 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIMENSIONS ARE IN INCHES [MILLIMETERS]
SPECIFICATIONS*
MAXIMUM RATINGS
Rev. 7/10
650-691-9800 • Fax: 650-962-6845 • Updates: www.teledynemicrowave.com • microwave@teledyne.com
ABSOLUTE MAXIMUM RATINGS
0.1 TO 6.0 GHz
ANALOG DETECTOR
SM-25 for Detectors
DAQ6103
DAQ6103
DAS6103
SMTO-8 Package for Detectors
Typical Values @ +25 °C
DAQ6103
Wide Frequency Range . . . . . . . . . . . . . . . . . . . . . . . . .
0.1 to 8.0 GHz
Wide Power Range . . . . . . . . . . . . . . . . . . . . . . . . . . . .
–10.0 to +25.0 dBm
Temperature Stability . . . . . . . . . . . . . . . . . . . . . . . . . .
± 0.25 dB
Flatness . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
± 0.5 dB
Low VSWR . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
1.2:1
Single or Dual Power Supply
Cougar Q Package
DC Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Continuous RF Input Power . . . . . . . . . . . . . . . . . . . . .
+27 dBm (±5 Vdc)
Operating Case Temperature . . . . . . . . . . . . . . . . . . . .
-55 °C to +100 °C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . .
-65 °C to +125 °C
Burn-In Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . .
+100 °C
Detector Thermal Resistance1 (θjc)
. . . . . . . . . . . . . . .
+3500 °C/Watt
Temperature Rise @ +20 dBm (Tjc) . . . . . . . . . . . . . . .
+3.5 °C
1 Thermal resistance is based on RF input power. Ratings based on +25 °C.
This unit is DC coupled and employs a RF choke at the input (DC short). If the application
calls for the input to sink current there will approximately be an additional 1 mV of output
offset voltage for each 3 mA of current. Sink current should be limited to 100 mA max to
avoid choke burnout.
For higher supply voltages, up to ±15 volts, the positive supply pin must include a series
current limiting resistor, Rs = (Vs – 5)/0.01. (e.g.: Vs = 15v, Rs = 1K)
Average power detection is obtained at power levels below approximately +7 dBm.
For best pulse response the supply pins should be bypassed with an additional
0.1 µF capacitor. The unit contains 0.01 µF internal capacitors.
Guaranteed
Parameter
Typical
0 to 50 °C
-55 to +85 °C
Frequency (Min.)
0.1-8.0 GHz
0.1-6.0 GHz
0.1-6.0 GHz
Input Power Range (Min.)
-10 to +25 dBm
-5 to +20 dBm
-5 to 2+0 dBm
VSWR (Max.)
1.2:1†
1.5:1†
1.5:1†
Sensitivity, Vout (Min.)
120 mV†
90 mV†
90 mV†
Power Flatness (Max.)
±0.5 dB^
±0.75 dB^
±0.75 dB^
Temperature Stability (Max.)
±0.25 dB†
±0.5 dB†
±0.5 dB†
Output Offset Voltage,
no RF (Max.)
±0.5 mV
±2.0 mV
±2.0 mV
1 dB Square Law Departure
+10 dBm
——
Tangential Sensitivity
-25 dBm^^
——
Pulse Response, Pin = +5 dBm
1.5 µsec‡
——
Pulse Response, Pin = +25 dBm
3.0 µsec‡
——
Max Output Voltage
Vs-1 Volts
——
Supply Current, no RF
2 +mA, 2 -mA
——
Supply Current, Pin = +25 dBm
10 +mA, 2 -mA
* Measured in a 50-Ohm system at ±5 Vdc, 2 KΩ||50 pF unless otherwise specified.
† Pin = +5 dBm. ^ Vout = 100 mV. ^^ 3 dB NF, 1 MHz Bandwidth. ‡ 50% RF to 10 or 90% Video.


Similar Part No. - DAQ6103

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
DAQ6101 TELEDYNE-DAQ6101 Datasheet
267Kb / 2P
0.1 TO 6.0 GHz ANALOG DETECTOR
DAQ6104 TELEDYNE-DAQ6104 Datasheet
262Kb / 2P
0.1 TO 6.0 GHz ANALOG DETECTOR
More results

Similar Description - DAQ6103

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
DACP18001 TELEDYNE-DACP18001 Datasheet
251Kb / 2P
0.1 TO 18.0 GHz ULTRA BROADBAND ANALOG DETECTOR
DAQ6101 TELEDYNE-DAQ6101 Datasheet
267Kb / 2P
0.1 TO 6.0 GHz ANALOG DETECTOR
DAQ6104 TELEDYNE-DAQ6104 Datasheet
262Kb / 2P
0.1 TO 6.0 GHz ANALOG DETECTOR
DAQ6116 TELEDYNE-DAQ6116 Datasheet
302Kb / 2P
0.1 TO 6.0 GHz PEAK TO PEAK ANALOG DETECTOR
DTQ6001 TELEDYNE-DTQ6001 Datasheet
269Kb / 2P
0.1 TO 6.0 GHz THRESHOLD DETECTOR
DTS6014 TELEDYNE-DTS6014 Datasheet
292Kb / 2P
0.1 TO 6.0 GHz THRESHOLD DETECTOR
DTS6015 TELEDYNE-DTS6015 Datasheet
288Kb / 2P
0.1 TO 6.0 GHz THRESHOLD DETECTOR
PSD600125 TELEDYNE-PSD600125 Datasheet
90Kb / 4P
Surface Mount Analog Level Detector 1.5 to 6.0 GHz
logo
Guerrilla RF, Inc.
GRF1201 GUERRILLA-GRF1201 Datasheet
856Kb / 13P
Log Average Power Detector 0.1 to 6.0 GHz
GRF1201W GUERRILLA-GRF1201W Datasheet
1,023Kb / 14P
Log Average Power Detector 0.1 to 6.0 GHz
06/15/21
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com