Electronic Components Datasheet Search
  English  ▼

X  

DAS8121 Datasheet(PDF) 1 Page - Teledyne Technologies Incorporated

Part # DAS8121
Description  0.5 TO 8.0 GHz HIGH-SPEED DAS8121 ANALOG DETECTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

DAS8121 Datasheet(HTML) 1 Page - Teledyne Technologies Incorporated

  DAS8121 Datasheet HTML 1Page - Teledyne Technologies Incorporated DAS8121 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIMENSIONS ARE IN INCHES [MILLIMETERS]
SPECIFICATIONS*
MAXIMUM RATINGS
APPLICATION NOTES
Rev. 7/10
650-691-9800 • Fax: 650-962-6845 • Updates: www.teledynemicrowave.com • microwave@teledyne.com
0.5 TO 8.0 GHz
HIGH-SPEED ANALOG DETECTOR
DAS8121
Typical Values @ +25 °C
DAS8121
Wide Frequency Range . . . . . . . . . . . . . . . . . . . . . . . . .
0.5 to 10.0 GHz
Wide Power Range . . . . . . . . . . . . . . . . . . . . . . . . . . . .
-30.0 to +5.0 dBm
Temperature Stability . . . . . . . . . . . . . . . . . . . . . . . . . .
± 0.5 dB
Power Flatness. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
± 0.5 dB
Low VSWR . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
1.5:1
Super fast pulse response . . . . . . . . . . . . . . . . . . . . . .
15-20 ηs
Standard SMTO-8 Package
Fast Response Time, Low Drift
DAS8121
SMTO-8 Analog Detector Package
Teledyne Cougar • 408-522-3838 • 408-522-3839 fax
www.teledyne-cougar.com • cougar@teledyne.com
SMTO-8 for Detectors
DC Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±6.0 V
Continuous RF Input Power . . . . . . . . . . . . . . . . . . . . .
+14.0 dBm
Operating Case Temperature . . . . . . . . . . . . . . . . . . . .
-40 °C to +95 °C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . .
-65 °C to +125 °C
Burn-In Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . .
+125 °C
Detector Thermal Resistance1 (θjc)
. . . . . . . . . . . . . . .
+3500 °C/Watt
Temperature Rise @ 0 dBm (Tjc) . . . . . . . . . . . . . . . . .
+3.5 °C
Temperature Rise @ +5 dBm (Tjc) . . . . . . . . . . . . . . . .
+35 °C
1 Thermal resistance is based on RF input power. Ratings based on +25 °C.
Average power detection is obtained at power levels below approximately -13dBm.
RF input is AC coupled (DC block).
DAS8121 contains a plastic packaged IC.
DAS8121 provides maximum video performance with no output load capacitance. How-
ever, the detector is capable of driving capacitive loads up to 100 pF without oscillations.
Load
capacitance above that specified may produce pulse overshoot and ringing.
Guaranteed
Parameter
Typical
0 to 50 °C
-40 to +85°C
Frequency (Min.)
0.5-10.0 GHz
0.5-8.0 GHz
0.5-8.0 GHz
Input Power Range (Min.)
-30 to +5 dBm
-25 to 0 dBm
-25 to 0 dBm
VSWR (Max.)
1-6 GHz
1.5:1
1.8:1
1.8:1
0.5-8 GHz
1.5:1
2.0:1
2.0:1
Sensitivity, Vout (Min.)
140 mV†
90 mV†
90 mV†
Power Flatness (Max.)
±0.5 dB
±0.75 dB
±0.75 dB
Temperature Stability (Max.)
±0.4 dB
±0.5 dB
±0.5 dB
Pulse Response, Pin = -15 dBm
15 ηsec‡
35/50 ηsec‡
35/50 ηsec‡
Pulse Response, Pin = 0 dBm
22 ηsec‡
50/70 ηsec‡
50/70 ηsec‡
Supply Current, no RF (Max.)
9 mA
12 mA
15 mA
Supply Current, Pin = 5 dBm (Max.)
15 mA
22 mA
25 mA
Output Offset Voltage,
no RF (Max.)
2 mV
10 mV
10 mV
1 dB Square Law Departure
-10 dBm
——
*Measured in a 50 Ohm system at ±5.0 Vdc unless otherwise specified.
†Pin = –15 dBm. ‡Total response time, Tr/Tf: 50% RF to 90 or 10% Video. 50 Ohm || 8pF output load.


Similar Part No. - DAS8121

ManufacturerPart #DatasheetDescription
logo
DISCO Corporation
DAS8920 DISCO-DAS8920 Datasheet
640Kb / 2P
Surface Planer
DAS8930 DISCO-DAS8930 Datasheet
640Kb / 2P
Surface Planer
More results

Similar Description - DAS8121

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
DA2CP20047 TELEDYNE-DA2CP20047 Datasheet
376Kb / 2P
0.5 TO 20.0 GHz LOG VIDEO AMP ANALOG DETECTOR
DAC4101 TELEDYNE-DAC4101 Datasheet
259Kb / 2P
0.01 TO 4.0 GHz ANALOG DETECTOR
DAC4103 TELEDYNE-DAC4103 Datasheet
258Kb / 2P
0.01 TO 4.0 GHz ANALOG DETECTOR
DACP20021 TELEDYNE-DACP20021 Datasheet
287Kb / 2P
0.5 TO 20.0 GHz HIGH-SPEED DACP20021 ANALOG DETECTOR
DAQ6101 TELEDYNE-DAQ6101 Datasheet
267Kb / 2P
0.1 TO 6.0 GHz ANALOG DETECTOR
DAQ6103 TELEDYNE-DAQ6103 Datasheet
264Kb / 2P
0.1 TO 6.0 GHz ANALOG DETECTOR
DAQ6104 TELEDYNE-DAQ6104 Datasheet
262Kb / 2P
0.1 TO 6.0 GHz ANALOG DETECTOR
DAS10241 TELEDYNE-DAS10241 Datasheet
500Kb / 2P
1.0 TO 10.0 GHz HIGH-SPEED ANALOG DETECTOR
DTS8003 TELEDYNE-DTS8003 Datasheet
301Kb / 2P
0.1 TO 8.0 GHz THRESHOLD DETECTOR
DTS8031 TELEDYNE-DTS8031 Datasheet
222Kb / 2P
0.5 TO 8.0 GHz ULTRA HI-SPEED DTS8031 THRESHOLD DETECTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com