Electronic Components Datasheet Search
  English  ▼

X  

DS8880N Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS8880N
Description  High Voltage 7-Segment Decoder/Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS8880N Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS8880N Datasheet HTML 1Page - National Semiconductor (TI) DS8880N Datasheet HTML 2Page - National Semiconductor (TI) DS8880N Datasheet HTML 3Page - National Semiconductor (TI) DS8880N Datasheet HTML 4Page - National Semiconductor (TI) DS8880N Datasheet HTML 5Page - National Semiconductor (TI) DS8880N Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
VCC
7V
Input Voltage (Except BI)
6V
Input Voltage (BI)
VCC
Segment Output Voltage
80V
Power Dissipation
600 mW
Maximum Power Dissipation at 25 C
Cavity Package
1509 mW
Molded Package
1476 mW
Derate cavity package 1006 mW C above 25 C derate molded package
1181 mW C above 25 C
Transient Segment Output Current
(Note 4)
50 mA
Storage Temperature Range
b
65 Cto a150 C
Lead Temperature (Soldering 4 sec)
260 C
Operating Conditions
Min
Max
Units
Supply Voltage (VCC)
DS7880
45
55
V
DS8880
475
525
V
Temperature (TA)
DS7880
b
55
a
125
C
DS8880
0
a
70
C
Electrical Characteristics (Notes 2 and 3)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIH
Logical ‘‘1’’ Input Voltage
VCC e Min
20
V
VIL
Logical ‘‘0’’ Input Voltage
VCC e Min
08
V
VOH
Logical ‘‘1’’ Output Voltage
VCC e Min IOUT eb200 mA RBO
24
37
V
VOL
Logical ‘‘0’’ Output Voltage
VCC e Min IOUT e 8 mA RBO
013
04
V
IIH
Logical ‘‘1’’ Input Current
VCC e Max Except BI
VIN e 24V
2
15
m
A
VIN e 55V
4
400
m
A
IIL
Logical ‘‘0’’ Input Current
VCC e Max VIN e 04V
Except BI
b
300
b
600
m
A
BI
b
12
b
20
mA
ICC
Power Supply Current
VCC e Max Rp e 22k All Inputs e 0V
27
43
mA
VCD
Input Diode Clamp Voltage
VCC e Max TA e 25 C IIN e 12 mA
b
09
b
15
V
IO
SEGMENT OUTPUTS
All Outputs e 50V
Outputs a f and g
084
093
102
‘‘ON’’ Current Ratio
IOUTb e Ref
Outut c
112
125
138
Output d
090
100
110
Output e
099
110
121
Ib ON
Output b ‘‘ON’’ Current
VCC e 5V VOUTb e 50V
Rp e 181k
015
020
025
mA
All Other Outputs t 5V
Rp e 703k
045
050
055
mA
TA e 25 C
Rp e 340k
090
100
110
mA
Rp e 220k
135
150
165
mA
VSAT
Output Saturation Voltage
VCC e Min Rp e 1kg5% IOUTb e 2 mA (Note 5)
08
25
V
ICEX
Output Leakage Current
VOUT e 75V BI e 0V Rp e 22k
0003
3
m
A
VBR
Output Breakdown Voltage
IOUT e 250 mA BI e 0V Rp e 22k
80
110
V
tpd
Propagation Delays BCD
VCC e 5V TA e 25 C
04
10
m
s
Input to Segment Output
BI to Segment Output
04
10
m
s
RBI to Segment Output
07
10
m
s
RBI to RBO
04
10
m
s
Note 1
‘‘Absolute Maximum Rating’’ are those values beyond which the safety of the device cannot be guaranteed They are not meant to imply that the devices
should be operated at these limits The table of ‘‘Electrical Characteristics’’ provides conditions for actual device operation
Note 2
Unless otherwise specified minmax limits apply across the b55 Cto a125 C temperature range for the DS7880 and across the 0 Cto a70 C range for
the DS8880 All typical values are for TA e 25 C and VCC e 5V
Note 3
All currents into device pins shown as positive out of device pins as negative all voltages referenced to ground unless otherwise noted All values shown
as max or min or absolute value basis
Note 4
In all applications transient segment output current must be limited to 50 mA This may be accomplished in dc applications by connecting a 22k resistor
from the anode-supply filter capacitor to the display anode or by current limiting the anode driver in multiplex applications
Note 5
For saturation mode the segment output currents are externally limited and ratioed
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com