Electronic Components Datasheet Search
  English  ▼

X  

DTC6002 Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # DTC6002
Description  0.01 TO 6.0 GHz THRESHOLD DETECTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

DTC6002 Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  DTC6002 Datasheet HTML 1Page - Teledyne Technologies Incorporated DTC6002 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TYPICAL PERFORMANCE
650-691-9800 • Fax: 650-962-6845 • Updates: www.teledynemicrowave.com • microwave@teledyne.com
DTC6002
Threshold Power @ R = 100 Ohms
KEY: +25 ° C
+ 85 ° C
-55 ° C
-20.0
-21.0
-22.0
-23.0
-24.0
-25.0
-26.0
FREQUENCY - GHz
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Threshold Power @ R = 1 KOhms
-13.0
-14.0
-15.0
-16.0
-17.0
-18.0
-19.0
FREQUENCY - GHz
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Threshold Power @ R = 20 KOhms
-2.0
-3.0
-4.0
-5.0
-6.0
-7.0
-8.0
FREQUENCY - GHz
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
1
Pulse Response @ R
TH = 20 KOhms
Pulse Response @ R
TH =100 Ohms
Pulse Response @ R
TH = 1 KOhms
Top Trace: TTL Logic Out
Bottom Trace: RF Input
Time Base: 5.0 µs/div
+
3.0
3.5
4.0
4.5
5.0
5.5
6.0
3.0
3.5
4.0
4.5
5.0
5.5
6.0
3.0
3.5
4.0
4.5
5.0
5.5
6.0
1
Input VSWR
2.00
1.75
1.50
1.25
1.00
FREQUENCY - GHz
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com