Electronic Components Datasheet Search
  English  ▼

X  

LNO640B1 Datasheet(PDF) 2 Page - TEMEX

Part # LNO640B1
Description  Low Noise Oscillator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

LNO640B1 Datasheet(HTML) 2 Page - TEMEX

  LNO640B1 Datasheet HTML 1Page - TEMEX LNO640B1 Datasheet HTML 2Page - TEMEX LNO640B1 Datasheet HTML 3Page - TEMEX LNO640B1 Datasheet HTML 4Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Low Noise Oscillator series
LNO 640 B1
OCSO @ 640 MHz
LNO 640 B1 - Revision C – October 2015
2 / 4
www.rakon.com
R a k o n r e s e r v e s t h e r i g h t t o m o d i f y h e r e i n s p e c i f i c a t i o n s a n d i n f o r m a t i o n w h e n n e c e s s a r y
t o p r o v i d e o p t i m u m p e r f o r m a n c e a n d c o s t
Specifications
1.0
Environmental conditions
Line
Parameter
Test Condition
Typ. Value
Guaranteed
Unit
1.1
Operating temperature range
0 to +50
°C
1.2
Storage temperature range
-40 to +85
°C
1.3
Shock
As per MIL-PRF-28800F, Class 3, test equipment
1.4
Random vibration
As per MIL-PRF-28800F, Class 3, test equipment
2.0
Electrical interface
Line
Parameter
Test Condition
Typ. Value
Guaranteed
Unit
2.1
Supply voltage
Pin 2
+12 ± 0.2
V
2.2
Load impedance
Pin 3, 50 all phases
-
< 1.3:1
VSWR
2.3
Control Input
Pin 4
+2 to +10
V
2.4
Input impedance
Pin 4
-
> 10
k
3.0
Performances
Line
Parameter
Test Condition
Typ. Value
Guaranteed
Unit
3.1
Nominal frequency
Definition
640
MHz
3.2
Frequency calibration
Initial calibration @ 25°C
0.2
< 0.5
ppm
3.3
Frequency stability
On full temperature range
-
< 1
ppm
3.4
Long term stability
After 30 days of continuous operation
1st year
10 years
-
-
< 1
< 6
ppm
ppm
3.5
Power consumption
Warm-up
-
< 9
W
3.6
Power consumption
25 °C (calm air)
-
< 4.2
W
3.7
Warm-up time
1 ppm with reference to frequency
reached after 1 hour of continuous
operation
-
< 5
minutes
3.8
Frequency tuning
Monotone
8
> 6
ppm
3.9
Slope
Positive slope
-
1.5 to 3
ppm/V
3.10
Output power
Sine wave into 50  load
-
+9 1
dBm
3.11
Output impedance
At 640 ± 1MHz
-
< 2.0:1
VSWR



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com