Electronic Components Datasheet Search
  English  ▼

X  

LNO5000B3 Datasheet(PDF) 4 Page - TEMEX

Part # LNO5000B3
Description  Low Noise Oscillator series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

LNO5000B3 Datasheet(HTML) 4 Page - TEMEX

  LNO5000B3 Datasheet HTML 1Page - TEMEX LNO5000B3 Datasheet HTML 2Page - TEMEX LNO5000B3 Datasheet HTML 3Page - TEMEX LNO5000B3 Datasheet HTML 4Page - TEMEX LNO5000B3 Datasheet HTML 5Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Low Noise Oscillator series
LNO 5000 B3
OCSO @ 5000 MHz
LNO 5000 B3 – rev.A – January 2016
4 / 5
www.rakon.com
R a k o n r e s e r v e s t h e r i g h t t o m o d i f y h e r e i n s p e c i f i c a t i o n s a n d i n f o r m a t i o n w h e n n e c e s s a r y
to p r o v i d e o p t i m u m p e r f o r m a n c e a n d c o s t
3.9
Steady state power consumption
@25 °C (calm air)
4.5
< 6
W
3.10
Warm-up power consumption
9
< 9.5
W
3.11
Warm-up time
1 ppm with reference to frequency
reached after 1 hour of continuous
operation
-
< 5
minutes
PLL version
3.12
Loop bandwidth
Internal
40
< 50
Hz
3.13
Steady state power consumption
@25 °C (calm air)
5
< 6.5
W
3.14
Warm-up power consumption
9.5
< 10
W
3.15
Warm-up time
Lock status ON
-
< 2
minutes
4.0
Single side band phase noise (PN)
Line
Parameter
Test Condition
Typ. Value
Guaranteed
Unit
4.1
PN power density @ 1 kHz offset
Static conditions, at 25°C
(guaranteed values on full temperature
range)
-121
< -118
dBc/Hz
4.2
PN power density @ 10 kHz offset
-146
< -143
dBc/Hz
4.3
PN power density @ 1 MHz offset
-157
< -154
dBc/Hz
4.4
Harmonic distortion
Sub-harmonics, 2nd and 3rd harmonics
-50
< -40
dBc
4.5
Spurious
Other than harmonic distortion
-90
< -80
dBc
4.6
Full offset range jitter
From 10 Hz to 100 MHz
150
< 200
fs
4.7
Broadband jitter
From 10 kHz to 40 MHz
5
< 10
fs



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com