Electronic Components Datasheet Search
  English  ▼

X  

D882 Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # D882
Description  NPN Silicon Epitaxial Planar Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

D882 Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  D882 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited D882 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited D882 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited D882 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Production specification
NPN Silicon Epitaxial Planar Transistor
D882
E009
www.gmicroelec.com
Rev.A
1
FEATURES
Low saturation voltage.
Excellent hFE linearity and high hFE.
Less cramping space required due to small and thin
Package and reducing the trouble for attachment to a
radiator.
APPLICATIONS
Power amplifier application.
SOT-89
ORDERING INFORMATION
Type No.
Marking
Package Code
D882
D882
SOT-89
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
40
V
VCEO
Collector-Emitter Voltage
30
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current -Continuous
3
A
PC
Collector Dissipation
500
mW
Tj,Tstg
Junction and Storage Temperature
-55 to +150
℃
Pb
Lead-free


Similar Part No. - D882

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D882 ETC-D882 Datasheet
1Mb / 1P
TO-126 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
D882 JIANGSU-D882 Datasheet
131Kb / 2P
TRANSISTOR竊?NPN 竊
D882 JIANGSU-D882 Datasheet
1,017Kb / 3P
TRANSISTOR竊뉿PN竊
logo
Stanson Technology
D882 STANSON-D882 Datasheet
22Kb / 1P
PNP TRANSISTOR
logo
List of Unclassifed Man...
D882 ETC1-D882 Datasheet
28Kb / 1P
SI NPN TRANSISTOR
More results

Similar Description - D882

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR519J AUK-SUR519J Datasheet
226Kb / 3P
Epitaxial planar NPN silicon transistor
SUR523H AUK-SUR523H Datasheet
227Kb / 3P
Epitaxial planar NPN silicon transistor
SUR538J AUK-SUR538J Datasheet
236Kb / 3P
Epitaxial planar NPN silicon transistor
SUT562EF AUK-SUT562EF Datasheet
236Kb / 4P
Epitaxial planar NPN silicon transistor
logo
Continental Device Indi...
CSC3930 CDIL-CSC3930 Datasheet
107Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SD1060 UTC-2SD1060 Datasheet
134Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
GTM CORPORATION
GJSD1802 GTM-GJSD1802 Datasheet
491Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SC4226W BILIN-2SC4226W Datasheet
178Kb / 4P
NPN Silicon Epitaxial Planar Transistor
Rev.A
KTC3879 BILIN-KTC3879 Datasheet
222Kb / 4P
NPN Silicon Epitaxial Planar Transistor
KTC4075 BILIN-KTC4075 Datasheet
233Kb / 4P
NPN Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com