Electronic Components Datasheet Search
  English  ▼

X  

GC2002 Datasheet(PDF) 1 Page - Teledyne Technologies Incorporated

Part # GC2002
Description  5 TO 2000 MHz TO-8 VOLTAGE CONTROLLED ATTENUATOR MODULE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

GC2002 Datasheet(HTML) 1 Page - Teledyne Technologies Incorporated

  GC2002 Datasheet HTML 1Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DIMENSIONS ARE IN INCHES [MILLIMETERS]
SPECIFICATIONS*
ABSOLUTE MAXIMUM RATINGS
PRELIMINARY
650-691-9800 • Fax: 650-962-6845 • Updates: www.teledynemicrowave.com • microwave@teledyne.com
TO-8 Attenuator SMA Case
1.000
(25.40)
0.800
(20.32)
0.100
(2.54)
0.820
(20.82)
PRODUCT LABEL AREA
0.500
(12.70)
0.310
(7.87)
MOUNTING SURFACE
0.460
(11.68)
0.375
(9.52)
(2) PLCS
RF CONNECTOR
SMA JACK (FEMALE)
(2) PLCS
0.460
(11.68)
0.460
(11.68)
0.310
(7.87)
GND
DC BIAS
0.180
(4.57)
0.250
(6.35)
0.320
(8.12)
MOUNTING HOLE
2-56 UNC-2B x 0.15 DEEP
THREADED INSERT
(4) PLCS
DC CONTROL
VOLTAGE
Teledyne Cougar • 408-522-3838 • 408-522-3839 fax
www.teledyne-cougar.com • cougar@teledyne.com
TO-8 SMA Attenuator Case
5 TO 2000 MHz
TO-8 VOLTAGE CONTROLLED
ATTENUATOR MODULE
TO-8 Attenuator Package
Teledyne Cougar • 408-522-3838 • 408-522-3839 fax
www.teledyne-cougar.com • cougar@teledyne.com
TO-8 Package for Attenuators
GC2002
Typical Values
GC2002
Switching Speed
(10 - 90%) . . . . . . . . . . . . . . . . . . . . . . .
2 µsec
(0 - 100%) . . . . . . . . . . . . . . . . . . . . . . .
< 75 µsec
Attenuation Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
> 25 dB
Low SWR . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
1.6:1
Excellent Flatness vs. Frequency . . . . . . . . . . . . . . . . . . . .
± 0.5
Standard Size TO-8 Package
Guaranteed
Parameter
Typical
0 to 50 °C
-55 to +85 °C
Frequency Range
5-2100 MHz
5-2000 MHz
5-2000 MHz
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
-62 to +125 °C
Maximum Case Temperature . . . . . . . . . . . . . . . . . . . . . . . .
+125 °C
Maximum DC Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
+9 Volts
Maximum Continuous RF Input Power . . . . . . . . . . . . . . . .
200 Milliwatts
Maximum Peak Power (3 µsec Max.) . . . . . . . . . . . . . . . . . .
1.0 Watt
Burn-in Temperature
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
+125 °C
Attenuation (Min.)
5-500 MHz
36 dB
31 dB
30 dB
5-1000 MHz
30 dB
25 dB
24 dB
5-2000 MHz
23 dB
20 dB
18 dB
Insertion Loss (Max.)
5-500 MHz
1.5 dB
2.0 dB
2.8 dB
5-1000 MHz
2.0 dB
2.5 dB
3.0 dB
5-2000 MHz
2.5 dB
3.0 dB
3.8 dB
SWR (Max.)
Input/Output
5-500 MHz
1.6:1
2.0:1
2.0:1
5-1000 MHz
1.6:1
2.0:1
2.0:1
5-2000 MHz
1.7:1
2.2:1
2.2:1
Flatness vs. Freq. (Max.)
(Attenuation to 15 dB)
5-1000 MHz
< ±0.5 dB
< ±1.0 dB
< ±1.2 dB
5-2000 MHz
< ±1.0 dB
< ±1.5 dB
< ±1.7 dB
Switching Speed (Max.)
10 -90%
2.0 µsec
4.0 µsec
—
0 - 100%
75 µsec
125 µsec
—
Bias Current (Max.)
8 mA
10 mA
12 mA
Control Voltage
0 to +15 V
0 to +15 V
0 to +15 V
Control Current (Max.)
5 mA
7 mA
7 mA
* Measured in a 50-ohm system at +5 Vdc bias.
GC2002
GC2002


Similar Part No. - GC2002

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GC200 ETC1-GC200 Datasheet
159Kb / 2P
STEP RECOVERY DIODE COMB (HARMONIC) GENERATORS
logo
Whirlpool.
GC2000PE WHIRLPOOL-GC2000PE Datasheet
33Kb / 1P
Food-Waste Disposer
01-08-04
GC2000XE WHIRLPOOL-GC2000XE Datasheet
33Kb / 1P
Food-Waste Disposer
01-08-04
More results

Similar Description - GC2002

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
G30 MACOM-G30 Datasheet
469Kb / 3P
Voltage-Controlled Attenuator Module 100 to 2000 MHz
G40 MACOM-G40 Datasheet
468Kb / 3P
Voltage-Controlled Attenuator Module 500 to 4000 MHz
SMG1 MACOM-SMG1 Datasheet
492Kb / 3P
Voltage-Controlled Attenuator Module 5 to 2000 MHz
SMG2 MACOM-SMG2 Datasheet
471Kb / 3P
Voltage-Controlled Attenuator Module 5 to 2000 MHz
logo
M/A-COM Technology Solu...
SMG1 MA-COM-SMG1 Datasheet
1Mb / 3P
Voltage-Controlled Attenuator Module 5 to 2000 MHz
SMG2 MA-COM-SMG2 Datasheet
1Mb / 3P
Voltage-Controlled Attenuator Module 5 to 2000 MHz
SMG30 MA-COM-SMG30 Datasheet
1Mb / 3P
Voltage-Controlled Attenuator Module 100 to 2000 MHz
SMG40 MA-COM-SMG40 Datasheet
1Mb / 3P
Voltage-Controlled Attenuator Module 500 to 4000 MHz
logo
Teledyne Technologies I...
AC2025 TELEDYNE-AC2025 Datasheet
162Kb / 2P
5 TO 2000 MHz TO-8 CASCADABLE AMPLIFIERS
GC2510 TELEDYNE-GC2510 Datasheet
161Kb / 2P
10 TO 2500 MHz TO-8 VOLTAGE CONTROLLED ATTENUATOR MODULE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com