Electronic Components Datasheet Search
  English  ▼

X  

RK407 Datasheet(PDF) 2 Page - TEMEX

Part # RK407
Description  Space Oven Controlled Crystal Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

RK407 Datasheet(HTML) 2 Page - TEMEX

  RK407 Datasheet HTML 1Page - TEMEX RK407 Datasheet HTML 2Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Space Oven Controlled Crystal Oscillator
RK 407
10
-7 Stability class OCXO
May,9th 2014
Specifications subject to change without notice
Shortform, 59001922.110, Issue A0
2 / 2
www.rakon.com
Performance for standard frequencies
Parameters
Conditions/Remarks
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Nominal Frequency
MHz
10
45
90
110
120
130
MHz
Steady state supply power
Vacuum, EOL
W
0.7
0.7
0.7
W
Warm up supply power
Vacuum, EOL
W
2
2
2
W
Initial frequency accuracy
Vacuum
ppm
± 0.4
± 0.4
± 0.4
ppm
Frequency adjustment
Freq adj. Option 2 (voltage
controlled)
ppm
± 1.2
± 1.2
± 1.2
ppm
-20°C…+70°C
ppm
± 0.1
± 0.1
± 0.1
ppm
TOp (-40°C…+70°C)
ppm
± 0.25
± 0.25
± 0.25
ppm
Frequency variation vs. supply
voltage
Over Operating Temperature
ppm
± 0.05
± 0.05
± 0.05
ppm
Frequency variation vs. load
Over Operating Temperature
ppm
± 0.05
± 0.05
± 0.05
ppm
Frequency variation vs pressure
Atm to vacuum
ppm
± 0.2
± 0.2
± 0.2
ppm
Over 1 day
ppb
± 5
± 10
± 10
ppb
Over 1 year
ppm
± 0.3
± 0.3
± 0.3
ppm
Over 18 years
ppm
± 1
± 1
± 1
ppm
10ms
1.E-11
1.E-11
1.E-11
100ms
1.E-11
1.E-11
1.E-11
1s
5.E-11
5.E-11
5.E-11
10s
5.E-11
5.E-11
5.E-11
Frequency warm up
Time needed to reach the
initial frequency accuracy
(1h ref.)
mn
6
6
6
mn
Output waveform
EOL, Supply voltage option 1
(12V)
dBm
4
7.5
4
7.5
4
7.5
dBm
EOL, Supply voltage option 2
(5V)
dBm
2.5
6
2.5
6
dBm
Harmonics level
dBc
-25
-25
-25
dBc
100Hz to 100kHz
dBc
-100
-100
-100
dBc
100kHz to 5GHz
dBc
-85
-85
-85
dBc
1 Hz
dBc/Hz
-65
-60
-60
dBc/Hz
10 Hz
dBc/Hz
-95
-90
-90
dBc/Hz
100 Hz
dBc/Hz
-125
-120
-120
dBc/Hz
1kHz
dBc/Hz
-145
-140
-140
dBc/Hz
10 kHz
dBc/Hz
-152
-150
-150
dBc/Hz
Sine
Phase noise
Frequency ageing
Output level
Frequency stability vs temperature
Spurious level
Allan variance
Description
Dimensions
Flat pack 10 leads
25.50x25.50x17 mm
Ordering part number definition
RAKON
Supply voltage
1 = 12V
2 = 5V
Model
EM = EM
EQM = EQM
FM = FM level S
RK 407
10M000000
Frequency, Fnom
FM
1
Serie
OCXO (4xx)
10
-7 stability class
1
Frequency adjustment
1 = internal calibration
2 = voltage controlled



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com