Electronic Components Datasheet Search
  English  ▼

X  

RK409 Datasheet(PDF) 2 Page - TEMEX

Part # RK409
Description  Space Oven Controlled Crystal Oscillator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

RK409 Datasheet(HTML) 2 Page - TEMEX

  RK409 Datasheet HTML 1Page - TEMEX RK409 Datasheet HTML 2Page - TEMEX RK409 Datasheet HTML 3Page - TEMEX RK409 Datasheet HTML 4Page - TEMEX RK409 Datasheet HTML 5Page - TEMEX RK409 Datasheet HTML 6Page - TEMEX RK409 Datasheet HTML 7Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Space Oven Controlled Crystal Oscillator
RK 409
10
-9 Stability class OCXO
April, 2nd 2012
Specifications subject to change without notice
Shortform, 51001182.110, Issue A1
2 / 7
www.rakon.com
2. Electrical interface
Parameters
Conditions/remarks
Min
Nom
Max
Unit
Option 12
11.4
12
12.6
V
Power supply
Option 15
14.25
15
15.75
V
Load Impedance
45
50
55
Ω
Reference voltage
6.6
6.9
7.2
V
Control voltage
Vc
0
Vref
V
3. Performances @ 10 MHz
3.1.
Option AV (Allan Variance)
Parameters
Conditions/Remarks
Min
Typ
Max
Unit
Nominal Frequency
10
40
MHz
Steady state input
current power
Vacuum @ -20°C
4
W
Warm up supply power
8
W
Initial frequency
accuracy
Frequency pulling
Option 2
± 10
ppb
Frequency adjustment
Positive slope
± 500
ppb
Option A
± 0.5
ppb
Option B
± 1
ppb
Frequency stability vs
temperature
Option C
± 5
ppb
Frequency variation vs.
supply voltage
Over Operating
Temperature
± 0.1
ppb
Frequency variation vs.
load
Over Operating
Temperature
± 0.1
ppb
Frequency variation vs
pressure
± 50
ppb
Over 1 year
± 20
ppb
Frequency ageing
(10 MHz)
Over 15 years
± 150
ppb
1s
6.E-13
Allan variance
10s
1.E-12
Frequency warm up
30
mn
Output waveform
Sine
Output level
EOL
2
10
dBm
Harmonics level
and subharmonics
-30
dBc
Non harmonics level
-85
dBc
1 Hz
-110
dBc/Hz
10 Hz
-135
dBc/Hz
100 Hz
-145
dBc/Hz
1kHz
-150
dBc/Hz
Phase noise
@ 10 MHz
10 kHz
-155
dBc/Hz



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com