Electronic Components Datasheet Search
  English  ▼

X  

VCAS181234D400TP Datasheet(PDF) 2 Page - AVX Corporation

Part # VCAS181234D400TP
Description  Multilayer Varistors for Automotive Applications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VCAS181234D400TP Datasheet(HTML) 2 Page - AVX Corporation

  VCAS181234D400TP Datasheet HTML 1Page - AVX Corporation VCAS181234D400TP Datasheet HTML 2Page - AVX Corporation VCAS181234D400TP Datasheet HTML 3Page - AVX Corporation VCAS181234D400TP Datasheet HTML 4Page - AVX Corporation VCAS181234D400TP Datasheet HTML 5Page - AVX Corporation VCAS181234D400TP Datasheet HTML 6Page - AVX Corporation VCAS181234D400TP Datasheet HTML 7Page - AVX Corporation VCAS181234D400TP Datasheet HTML 8Page - AVX Corporation VCAS181234D400TP Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
15
012317
TransGuard
® Automotive Series
Multilayer Varistors for Automotive Applications
AVX PN
VW (DC)
VW (AC)
VB
VC
IVC
IL
ET
ELD
IP
Cap
Freq
VJump
PDiss. Max
Vdc
Vac
V
V
A
μA
J
J
A
pF
V
W
VCAS060303A140
3.3
2.3
6.0±20%
14
1
50
0.1
-
30
1450
K
-
0.002
VCAS080503A140
3.3
2.3
6.0±20%
14
1
50
0.1
-
40
1000
K
-
0.002
VCAS080503C140
3.3
2.3
6.0±20%
14
1
50
0.3
-
120
4500
K
-
0.006
VCAS120603A140
3.3
2.3
6.0±20%
14
1
50
0.1
-
40
1500
K
-
0.002
VCAS120603D140
3.3
2.3
6.0±20%
14
1
50
0.4
-
150
4000
K
-
0.009
VCAS040205X150 _ _
5.6
4.0
8.5±20%
18
1
35
0.05
-
20
175
M
-
0.001
VCAS060305A150 _ _
5.6
4.0
8.5±20%
18
1
35
0.1
-
30
750
K
-
0.001
VCAS080505A150 _ _
5.6
4.0
8.5±20%
18
1
35
0.1
-
40
1100
K
-
0.001
VCAS080505C150 _ _
5.6
4.0
8.5±20%
18
1
35
0.3
-
120
3000
K
-
0.005
VCAS120605A150 _ _
5.6
4.0
8.5±20%
18
1
35
0.1
-
40
1200
K
-
0.002
VCAS120605D150 _ _
5.6
4.0
8.5±20%
18
1
35
0.4
-
150
3000
K
-
0.008
VCAS040209X200 _ _
9
6.4
12.7±15%
22
1
25
0.05
-
20
175
M
-
0.001
VCAS060309A200 _ _
9
6.4
12.7±15%
22
1
25
0.1
-
30
550
K
-
0.002
VCAS080509A200 _ _
9
6.4
12.7±15%
22
1
25
0.1
-
40
750
K
-
0.002
VCAS080512A250 _ _
12
8.5
16±15%
27
1
25
0.1
-
40
525
K
-
0.002
VCAS040214X300 _ _
14
10
18.5±12%
32
1
15
0.05
-
20
85
K
16
0.001
VCAS060314A300 _ _
14
10
18.5±12%
32
1
15
0.1
-
30
350
K
16
0.002
VCAS080514A300 _ _
14
10
18.5±12%
32
1
15
0.1
-
40
325
K
16
0.002
VCAS080514C300 _ _
14
10
18.5±12%
32
1
15
0.3
-
120
900
K
20
0.006
VCAS120614A300 _ _
14
10
18.5±12%
32
1
15
0.1
-
40
600
K
20
0.002
VCAS120614D300 _ _
14
10
18.5±12%
32
1
15
0.4
-
150
1050
K
20
0.008
VCAS060316B400 _ _
16
11
25.5±10%
42
1
10
0.2
0.25
30
150
K
27.5
0.003
VCAS120616K380 _ _
16
11
25.5±10%
38
1
10
0.6
1.5
200
930
K
27.5
0.010
VCAS121016J390 _ _
16
11
25.5±10%
42
5
10
1.6
3
500
3100
K
27.5
0.030
VGAS121016S390
16
14
24.5±10%
40
2.5
15
2
5
500
3000
K
27.5
0.01
VGAS181216P390
16
11
24.5±10%
40
5
15
2.9
10
1000
7000
K
27.5
0.07
VGAS222016Y390
16
11
24.5±10%
40
10
15
10.2
45
1500
20000
K
27.5
0.08
VGAS181216P400 _ _
16
11
24.5±10%
42
5
10
2.9
10
1000
5000
K
27.5
0.070
VGAS222016Y400
16
11
24.5±10%
42
10
10
7.2
25
1500
13000
K
25.5
0.100
VCAS040218X400 _ _
18
13
25.5±10%
42
1
10
0.05
0.05
20
65
M
27.5
0.001
VCAS060318A400 _ _
18
13
25.5±10%
42
1
10
0.1
0.25
30
150
K
27.5
0.003
VCAS080518A400 _ _
18
13
25.5±10%
42
1
10
0.1
0.1
30
225
K
27.5
0.002
VCAS080518C400 _ _
18
13
25.5±10%
42
1
10
0.3
1
120
550
K
27.5
0.007
VCAS120618A400 _ _
18
13
25.5±10%
42
1
10
0.1
0.5
30
350
K
27.5
0.002
VCAS120618D400 _ _
18
13
25.5±10%
42
1
10
0.4
1.5
150
900
K
27.5
0.008
VCAS120618E380 _ _
18
13
25.5±10%
38
1
10
0.5
1.5
200
930
K
27.5
0.010
VCAS121018J390 _ _
18
13
25.5±10%
42
5
10
1.6
3
500
3100
K
27.5
0.030
VGAS181218P440
18
14
27.5±10%
44
5
15
2.9
6
800
5000
K
27.5
0.05
VGAS222022Y490
22
17
30±10%
49
10
15
6.8
25
1200
12000
K
27.5
0.03
VCAS060326A580 _ _
26
18
34.5±10%
60
1
10
0.1
0.1
30
155
K
27.5
0.002
VCAS080526A580 _ _
26
18
34.5±10%
60
1
10
0.1
0.15
30
120
K
27.5
0.002
VCAS080526C580 _ _
26
18
34.5±10%
60
1
10
0.3
0.5
100
250
K
27.5
0.006
VCAS120626D580 _ _
26
18
34.5±10%
60
1
10
0.4
1
120
500
K
27.5
0.008
VCAS120626F540 _ _
26
18
33.0±10%
54
1
15
0.7
1.5
200
600
K
27.5
0.008
VCAS121026H560 _ _
26
18
34.5±10%
60
5
10
1.2
3
300
2150
K
27.5
0.018
VGAS181226P570
26
23
35.0±10%
57
5
15
2.5
8
600
3000
K
30
0.015
VGAS222026Y570
26
23
35±10%
57
10
15
6.8
25
1100
7000
K
30
0.030
VGAS322026Z570
26
23
35±10%
57
10
15
13
50
1800
15000
K
30
0.04
VCAS060330A650 _ _
30
21
41.0±10%
67
1
10
0.1
0.15
30
125
K
29
0.002
VCAS080530A650 _ _
30
21
41.0±10%
67
1
10
0.1
0.15
30
90
M
29
0.002
VCAS080530C650 _ _
30
21
41.0±10%
67
1
10
0.3
0.5
80
250
K
29
0.005
VCAS120630D650 _ _
30
21
41.0±10%
67
1
10
0.4
1
120
400
K
29
0.008
VCAS121030H620 _ _
30
21
41.0±10%
67
5
10
1.2
3
280
1850
K
30
0.018
VCAS121030S620 _ _
30
21
41.0±10%
67
5
10
1.9
3
300
1500
K
29
0.038
VCAS080531C650 _ _
31
25
39.0±10%
65
1
10
0.3
0.5
80
250
K
29
0.005
VCAS120631M650 _ _
31
25
39.0±10%
65
1
15
1
1.5
200
500
K
29
0.008
VGAS121031R650
31
25
39±10%
65
2.5
15
1.7
4.5
300
1200
K
30
0.05
VGAS181231P650
31
25
39.0±10%
65
5
15
3.7
8
800
2600
K
30
0.06
VGAS222031Y650
31
25
39±10%
65
10
15
9.6
23
1200
6100
K
30
0.03
VCAS120634N770 _ _
34
30
47.0±10%
77
1
15
1.1
1.5
200
400
K
48
0.008
VGAS121034S770 _ _
34
30
47.0±10%
77
2.5
15
2
3.0
400
1000
K
48
0.040
VGAS181234U770 _ _
34
30
47.0±10%
77
5
15
5
6.1
800
1500
K
48
0.080
VGAS222034Y770
34
30
47.0±10%
77
10
15
12
25
2000
6300
K
48
0.240
VCAS080538C770 _ _
38
30
47.0±10%
77
1
10
0.3
-
80
200
K
48
0.006
VCAS120642L800 _ _
42
32
51.0±10%
80
1
15
0.8
-
180
600
K
48
0.016
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com