Electronic Components Datasheet Search
  English  ▼

X  

ESDA6V1P6 Datasheet(PDF) 6 Page - STMicroelectronics

Part # ESDA6V1P6
Description  QUAD TRANSIL™ ARRAY FOR ESD PROTECTION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA6V1P6 Datasheet(HTML) 6 Page - STMicroelectronics

  ESDA6V1P6 Datasheet HTML 1Page - STMicroelectronics ESDA6V1P6 Datasheet HTML 2Page - STMicroelectronics ESDA6V1P6 Datasheet HTML 3Page - STMicroelectronics ESDA6V1P6 Datasheet HTML 4Page - STMicroelectronics ESDA6V1P6 Datasheet HTML 5Page - STMicroelectronics ESDA6V1P6 Datasheet HTML 6Page - STMicroelectronics ESDA6V1P6 Datasheet HTML 7Page - STMicroelectronics ESDA6V1P6 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ESDA6V1P6
6/8
The crosstalk phenomena are due to the coupling between 2 lines. Coupling factors (
β12 or β21 ) increase
when the gap across lines decreases, particularly in silicon dice. In the example above, the expected signal
on load RL2 is
α2VG2, in fact the real voltage at this point has got an extra value β21VG2. This part of the VG1
signal represents the effect of the crosstalk phenomenon of the line 1 on the line 2. This phenomenon has
to be taken into account when the drivers impose fast digital data or high frequency analog signals. The
perturbed line will be more affected if it works with low voltage signal or high load impedance (few k
Ω)
VG
GND
I/O1
I/O4
unloaded
50
Ω
50
Ω
Port 1
Port 2
Fig. A7: Analog crosstalk test configuration.
VG
GND
I/O1
I/O4
unloaded
50
Ω
50
Ω
Port 1
Port 2
Fig. A8: Typical analog crosstalk response.
GND
I/O4
I/O1
VG1
β21 G1
V
unloaded
unloaded
pulse generator
F= 100KHz
t = 20ns
R
0 - 5V
Fig. A9: Digital crosstalk test configuration.
crosstalk
β21 G1
V
Fig. A10: Typical digital crosstalk response.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com