Electronic Components Datasheet Search
  English  ▼

X  

L7985 Datasheet(PDF) 34 Page - STMicroelectronics

Part # L7985
Description  Voltage feed-forward
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7985 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button L7985 Datasheet HTML 30Page - STMicroelectronics L7985 Datasheet HTML 31Page - STMicroelectronics L7985 Datasheet HTML 32Page - STMicroelectronics L7985 Datasheet HTML 33Page - STMicroelectronics L7985 Datasheet HTML 34Page - STMicroelectronics L7985 Datasheet HTML 35Page - STMicroelectronics L7985 Datasheet HTML 36Page - STMicroelectronics L7985 Datasheet HTML 37Page - STMicroelectronics L7985 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
Application ideas
L7985
34/42
DocID022446 Rev 7
Equation 39
where ISW is the average current in the embedded power MOSFET in the on-time.
To chose the right value of the inductor and to manage transient output current, which can
exceed the maximum output current calculated by Equation 39 for a short time, also the
peak current in the power MOSFET must be calculated. The peak current, shown in
Equation 40, must be lower than the minimum current limit (2.5 A).
Equation 40
where r is defined as the ratio between the inductor current ripple and the inductor DC
current:
So, in the buck-boost topology the maximum output current depends on the application
conditions (firstly input and output voltage, secondly switching frequency and inductor
value).
In Figure 35. the maximum output current for the above configuration is depicted varying the
input voltage from 4.5 V to 38 V.
The dashed line considers a more accurate estimation of the duty cycles given by Equation
41, where power losses across diodes, external power MOSFET, and internal power
MOSFET are taken into account.
Figure 35. Maximum output current according to max. DC switch current (2.0 A):
VO= 12 V
ISW
IOUT
1D
–
------------- 2 A
=
ISW,PK
IOUT
1D
–
-------------
1
r
2
---
+
2.5A
=
r
VOUT
IOUT LFSW

------------------------------------
1D
–

2
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com