Electronic Components Datasheet Search
  English  ▼

X  

M24LR-DISCOVERY Datasheet(PDF) 2 Page - STMicroelectronics

Part # M24LR-DISCOVERY
Description  Two function buttons
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24LR-DISCOVERY Datasheet(HTML) 2 Page - STMicroelectronics

  M24LR-DISCOVERY Datasheet HTML 1Page - STMicroelectronics M24LR-DISCOVERY Datasheet HTML 2Page - STMicroelectronics M24LR-DISCOVERY Datasheet HTML 3Page - STMicroelectronics M24LR-DISCOVERY Datasheet HTML 4Page - STMicroelectronics M24LR-DISCOVERY Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Description
M24LR-DISCOVERY
2/5
DocID023090 Rev 3
1
Description
M24LR-DISCOVERY is a ready-to-use kit which features the M24LR04E-R Dual Interface
EEPROM IC. It addresses a wide range of applications such as industrial or medical
equipment and consumer electronics. This kit contains 2 different boards, as shown in the
figure on cover page.
The M24LR board is battery-less and is powered by RFID readers or NFC-enabled phones
supporting ISO/IEC 15693.
The RF transceiver board is an RFID reader demonstration board and is composed, among
other parts, of a CR95HF (13.56 MHz multi-protocol contactless transceiver IC with SPI and
UART serial access). This board has to be plugged in to a PC and comes with a
demonstration software.
The M24LR board also works with Android NFC phones supporting ISO/IEC 15693. An
application called NfcV-Reader is available on Google Play. Performance may vary
depending on NFC phone's RF management.
System requirements
•
Windows® PC (2000, XP, Vista, 7)
•
ISO/IEC 15693 capable NFC phones
1.1
Demonstration software
The M24LRxx application software can be uploaded from www.st.com and installed on your
PC. It consists in:
•
an M24LR/CR95 application software setup file [STSW-M24LR011]
•
an STM8L firmware, see STM8L firmware
1.1.1
M24LRxx application software
The PC software allows to:
1.
Launch setup.exe executable.
2.
Choose CR95HF DEMO KIT tab.
3.
Select demo NDEF messages tab.
4.
Click on demo NDEF & Energy Harvesting tab.
The latest versions of this demonstration source code and associated documentation can
be downloaded from www.st.com.
1.1.2
STM8L firmware
Development toolchain
In case of an STM8L firmware change, the user has to download:
•
STMicroelectronics, ST Visual Develop (STVD)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com