Electronic Components Datasheet Search
  English  ▼

X  

UTOUTC0545 Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # UTOUTC0545
Description  Thin-Film Cascadable Amplifier 10 to 500 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

UTOUTC0545 Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  UTOUTC0545 Datasheet HTML 1Page - Teledyne Technologies Incorporated UTOUTC0545 Datasheet HTML 2Page - Teledyne Technologies Incorporated UTOUTC0545 Datasheet HTML 3Page - Teledyne Technologies Incorporated UTOUTC0545 Datasheet HTML 4Page - Teledyne Technologies Incorporated UTOUTC0545 Datasheet HTML 5Page - Teledyne Technologies Incorporated UTOUTC0545 Datasheet HTML 6Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Electrical Specifications1,2
(Measured in 50
Ω system @ +15 VDC nominal unless otherwise noted)
Symbol
Unit
T
C
= –55 to +85
°C
10-500
10.0
±0.5
5.5
+16.0
2.0:1
2.0:1
—
—
—
—
MHz
dB
dB
dB
dBm
—
—
dBm
dBm
dBm
mA
T
C
= 0 to 50
°C
Guaranteed Specifications
Typical
T
C
= 25
°C
10-500
10.5
±0.3
4.5
+19.0
<1.3:1
<1.5:1
+32.0
+45.0
+48.0
60
10-500
10.0
±0.5
5.0
+17.0
2.0:1
2.0:1
—
—
—
—
Characteristic
Frequency Range
Small Signal Gain (Min.)
Gain Flatness (Max.)
Noise Figure (Max.)
Power Output @ +1 dB Comp. (Min.)
Input VSWR (Max.)
Output VSWR (Max.)
Two Tone 3rd Order Intercept Point
Two Tone 2nd Order Intercept Point
One Tone 2nd Harmonic Intercept Point
DC Current
BW
GP
—
NF
P1dB
—
—
IP3
IP2
HP2
ID
Notes: 1. Both RF input and RF output pins are at DC ground – no blocking capacitor.
2. The UTO-545 is conditionally stable below 300 kHz. Stable operation is assured if the source and
load impedances have a 2.0:1 or better VSWR from 100 kHz to 300 kHz.
Typical Performance Over Temperature (@ +15 VDC unless otherwise noted)
Key: +25
°C
+85
°C
-55
°C
12.0
100
Gain
Frequency, MHz
200
11.5
11.0
300
4.0
Frequency, MHz
3.5
3.0
2.5
Noise Figure
400
500
100
200
300
400
0
10.5
500
2.0
10.0
21.0
Power Output
Frequency, MHz
0
20.5
20.0
2.0
Input VSWR
Frequency, MHz
1.75
1.5
1.0
Output VSWR
Frequency, MHz
38
Third-Order Intercept Point
Frequency, MHz
36
60
Second-Order Intercept Point
Frequency, MHz
55
55
Second-Harmonic Intercept Point
Frequency, MHz
50
45
40
100
200
2.0
1.75
1.5
1.25
100
200
300
1.0
100
200
400
300
50
1.25
300
400
400
100
200
300
400
100
200
500
300
19.5
34
45
32
500
500
500
400
500
0
100
200
300
400
500
30
40
0
0
19.0
45



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com