Electronic Components Datasheet Search
  English  ▼

X  

CLV650-6000 Datasheet(PDF) 2 Page - SICK AG

Part # CLV650-6000
Description  BAR CODE SCANNERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

CLV650-6000 Datasheet(HTML) 2 Page - SICK AG

  CLV650-6000 Datasheet HTML 1Page - SICK AG CLV650-6000 Datasheet HTML 2Page - SICK AG CLV650-6000 Datasheet HTML 3Page - SICK AG CLV650-6000 Datasheet HTML 4Page - SICK AG CLV650-6000 Datasheet HTML 5Page - SICK AG CLV650-6000 Datasheet HTML 6Page - SICK AG CLV650-6000 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
CLV650-6000 | CLV65x
BAR CODE SCANNERS
Ordering information
Type
Part no.
CLV650-6000
1042124
Other models and accessories
www.sick.com/CLV65x
Detailed technical data
Features
Version
Standard Density
Connection type
Cable
Reading field
Oscillating mirror
Scanner design
Line scanner
Focus
Auto focus
Light source
Visible red light (658 nm)
MTBF
40,000 h
Laser class
2 (EN 60825-1 (A2:2001-03), IEC 60825-1 : 2007-03, Ed. 2.0)
Aperture angle
≤ 50°
Scanning frequency
600 Hz ... 1,000 Hz
Code resolution
0.25 mm ... 1 mm
Reading distance
125 mm ... 1,570 mm 1)
Oscillating mirror functions
Fixed (adjustable position), oscillating (variable or fixed amplitude), one shot
Oscillation frequency 0.5 Hz ... 6.25 Hz
Angle of deflection –20° ... 20°
Heating
Optional
1) For details see reading field diagram.
Performance
Bar code types
All current code types, Code 39, Code 128, Code 93, Codabar, GS1-128 / EAN 128, UPC /
GTIN / EAN, Interleaved 2 of 5, Pharmacode, GS1 DataBar, Telepen, MSI/Plessey
Print ratio
2:1 ... 3:1
No. of codes per scan
1 ... 20 (Standard decoder)
1 ... 6 (SMART decoder)
No. of codes per reading interval
1 ... 50 (auto-discriminating)
No. of characters per reading interval
5,000
500 (for multiplexer function in CAN operation)
2
IDENTIFICATION SOLUTIONS | SICK
Online data sheet | 2017-04-04 15:51:30
Subject to change without notice



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com