Electronic Components Datasheet Search
  English  ▼

X  

SPC56XXMB Datasheet(PDF) 1 Page - STMicroelectronics

Part # SPC56XXMB
Description  Two LIN channels with jumper enable
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56XXMB Datasheet(HTML) 1 Page - STMicroelectronics

  SPC56XXMB Datasheet HTML 1Page - STMicroelectronics SPC56XXMB Datasheet HTML 2Page - STMicroelectronics SPC56XXMB Datasheet HTML 3Page - STMicroelectronics SPC56XXMB Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This is information on a product in full production. For further information contact your local STMicroelectronics sales
office.
September 2012
Doc ID 023625 Rev 2
1/4
1
SPC56XXMB
SPC56xx microcontroller family evaluation motherboard
Data brief
− production data
Features
■
SPC56xx modular evaluation system
■
On/off power switch with LED indicators
■
Board power supply: 12 VDC external supply
voltage
■
Onboard STMicroelectronics® L9758 voltage
regulator with three simultaneous output at
1.2 V, 3.3 V and 5 V
■
Possibility to configure onboard peripherals to
operate at 5 V or 3.3 V logic levels, depending
on target
■
Two CAN channels with jumper enable
– One CAN channel with High-Speed
transceiver and DB9 male connector
– One CAN channel with Low-Speed Fault
Tolerant and High-Speed transceiver
(selectable with jumpers) and DB9 male
connector
■
Two LIN channels with jumper enable
– One channel with transceiver and pin
header connector populated
– One channel with footprints only
■
One SCI channel with jumper enables,
transceiver and DB9 female connector
■
Two FlexRay channels with jumper enables
– One channel with transceiver and DB9
male connector
– One channel with footprint only
■
Four user push buttons with jumper enable and
polarity selection
■
Four user LED’s with jumper enables
■
One potentiometer for analog voltage input
■
Pin array for accessing all I/O signals
■
Expansion connectors for accessing all I/O
signals
■
Prototyping area with 0.1” spacing and SOIC
footprint
■
Specifications:
– Board size 5.5” x 9.0”
– 12 VDC Center Positive power supply with
2.5/5.5 mm barrel connector
Description
The SPC56XXMB motherboard is an evaluation
system supporting STMicroelectronics'
SPC560xx microprocessors.
The complete system consists of an
SPC56XXMB motherboard and an
SPC56xxxADPT mini module (not included)
which plugs into the motherboard.
Different mini modules are available for
evaluating the different devices in the SPC560xx
family of microprocessors.
The evaluation system (motherboard and mini
module) allows full access to the CPU, all of the
CPU's I/O signals, and the motherboard
peripherals (such as CAN, SCI, LIN).
www.st.com


Similar Part No. - SPC56XXMB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC56XL60/54 STMICROELECTRONICS-SPC56XL60/54 Datasheet
1Mb / 160P
32-bit Power Architecture® microcontroller for automotive SIL3/ASILD chassis and safety applications
August 2012 Rev 8
More results

Similar Description - SPC56XXMB

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN65042 SONIX-SN65042 Datasheet
169Kb / 7P
Two Channels Direct Drive Speech Controller
logo
SMSC Corporation
EMC1102 SMSC-EMC1102 Datasheet
333Kb / 3P
SST Compliant Hardware Monitor with Two Temperature Channels
EMC1152 SMSC-EMC1152 Datasheet
322Kb / 3P
SST Compliant Hardware Monitor with Two Temperature Channels and Five Voltage Channels
logo
Sanyo Semicon Device
LB8628PL SANYO-LB8628PL Datasheet
76Kb / 6P
Two Saturated Drive Channels
logo
Zilog, Inc.
Z8S18020VSG ZILOG-Z8S18020VSG Datasheet
2Mb / 71P
Two Chain-Linked DMA Channels
logo
Exar Corporation
XR88C681J-F EXAR-XR88C681J-F Datasheet
2Mb / 101P
Two Full Duplex, Independent Channels
logo
STMicroelectronics
AN4178 STMICROELECTRONICS-AN4178 Datasheet
109Kb / 13P
LIN communication with two STM8AF boards of STM8A-DISCOVERY
03-Dec-2012
logo
List of Unclassifed Man...
32R ETC2-32R Datasheet
247Kb / 7P
Two output channels
logo
ELMOS Semiconductor AG
E981.07 ELMOS-E981.07 Datasheet
533Kb / 46P
Two independent operating channels
logo
STMicroelectronics
SPC56L-DISCOVERY STMICROELECTRONICS-SPC56L-DISCOVERY Datasheet
138Kb / 4P
Two LIN interfaces
25-Sep-2013
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com