Electronic Components Datasheet Search
  English  ▼

X  

UTOUTC0572 Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # UTOUTC0572
Description  Thin-Film Cascadable Amplifier 50 to 500 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

UTOUTC0572 Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  UTOUTC0572 Datasheet HTML 1Page - Teledyne Technologies Incorporated UTOUTC0572 Datasheet HTML 2Page - Teledyne Technologies Incorporated UTOUTC0572 Datasheet HTML 3Page - Teledyne Technologies Incorporated UTOUTC0572 Datasheet HTML 4Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Electrical Specifications
(Measured in 50
Ω system @ +15 VDC nominal unless otherwise noted)
Symbol
Unit
T
C
= –55 to +85
°C
50-500
17.0
±1.0
3.7
45
+10.0
2.0:1
2.0:1
—
—
—
—
MHz
dB
dB
dB
dB
dBm
—
—
dBm
dBm
dBm
mA
T
C
= 0 to 50
°C
Guaranteed Specifications
Typical
T
C
= 25
°C
50-500
18.5
±0.3
3.0
50
+12.0
<1.5:1
<1.5:1
+24.0
+34.0
+42.0
32
50-500
18.0
±0.5
3.5
45
+11.0
2.0:1
2.0:1
—
—
—
—
Characteristic
Frequency Range
Small Signal Gain (Min.)
Gain Flatness (Max.)
Noise Figure (Max.)
Reverse Isolation (Min.)
Power Output @ +1 dB Comp. (Min.)
Input VSWR (Max.)
Output VSWR (Max.)
Two Tone 3rd Order Intercept Point
Two Tone 2nd Order Intercept Point
One Tone 2nd Harmonic Intercept Point
DC Current
BW
GP
—
NF
—
P1dB
—
—
IP3
IP2
HP2
ID
Typical Performance Over Temperature (@ +15 VDC unless otherwise noted)
Key: +25
°C
+85
°C
-55
°C
0
Gain
Frequency, MHz
200
20
19
300
5
Frequency, MHz
4
3
2
Noise Figure
400
500
18
17
100
600
0
200
300
400
500
100
600
–55 & +25°C
13.5
Power Output
Frequency, MHz
0
12.5
+28
Third-Order Intercept Point
Frequency, MHz
+26
35
Second-Order Intercept Point
Frequency, MHz
33
100
31
400
+24
29
27
11.5
200
300
500
0
100
400
200
300
500
0
100
400
600
200
300
500
10.5
+22
+20
25°C
25°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com