Electronic Components Datasheet Search
  English  ▼

X  

ST1S31PUR Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST1S31PUR
Description  3 A DC step-down switching regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S31PUR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST1S31PUR Datasheet HTML 3Page - STMicroelectronics ST1S31PUR Datasheet HTML 4Page - STMicroelectronics ST1S31PUR Datasheet HTML 5Page - STMicroelectronics ST1S31PUR Datasheet HTML 6Page - STMicroelectronics ST1S31PUR Datasheet HTML 7Page - STMicroelectronics ST1S31PUR Datasheet HTML 8Page - STMicroelectronics ST1S31PUR Datasheet HTML 9Page - STMicroelectronics ST1S31PUR Datasheet HTML 10Page - STMicroelectronics ST1S31PUR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
DocID022998 Rev 4
7/35
ST1S31
Electrical characteristics
35
Soft-start
TSS
Soft-start duration
400
µs
Protection
TSHDN
Thermal shutdown
150
°C
Hystereris
20
1. Specification referred to TJ from -40 to +125 °C. Specifications in the -40 to +125 °C temperature range are assured by
design, characterization and statistical correlation.
2. Guaranteed by design.
Table 4. Electrical characteristics (continued)
Symbol
Parameter
Test condition
Values
Unit
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com